| Electronic Components Datasheet Search |
|
DAC7731 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC7731 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 23 page ![]() DAC7731 12 SBAS249B www.ti.com The DAC code is provided via a 16-bit serial interface, as shown in Table II. The digital input word makes up the digital code to be loaded into the data input register of the device. A typical data transfer and DAC output update take place as follows: Once CS is active (LOW), the DAC7731 is enabled on the serial bus and the 16-bit serial data transfer can begin. The serial data is shifted into the device on each rising SCLK edge until all 16 bits are transferred (1 bit per 1 rising SCLK edge). Once received, the data in the input register is loaded into the DAC register upon reception of a rising edge on the LDAC input (load command). This action updates the analog output, VOUT, to the desired voltage specified by the digital input word. A rising edge on LDAC is completely asynchronous to the serial interface of the device and can occur at any time. Care must be taken to ensure that the entire 16 bits of data are loaded into the input register before issuing a LDAC active edge. Additional load commands will have no effect on the DAC output if the data in the input register is unchanged between rising LDAC edges. When CS is returned HIGH, the rising edge on CS must occur when SCLK is HIGH. Application of a rising CS edge when SCLK is LOW will cause one additional shift in the serial input shift register, corrupting the desired input data. TIMING CONSIDERATIONS The flexible interface of the DAC7731 can operate under a number of different scenarios as is required by a host controller. Critical timing for a 16-bit data transfer cycle is shown in the Interface Timing section of the Timing Charac- teristics. While this is the most common method of writing to the DAC7731, the device accepts two additional modes of data transfer from the host. These are byte transfer mode and continuous transfer mode. Byte transfer mode is especially useful when an 8-bit host is communicating with the DAC. Data transfer can occur with- out requiring an additional general purpose I/O pin to control the CS input of the DAC in cycles of 16 clocks. A HIGH state on CS stops data from coming into and out of the internal shift register. This provides byte-wide support for 8-bit host processors. Figure 5 is an example of the timing cycle of such a data transfer. The remaining data transfer mode accepted by the DAC7731 is continuous transfer. The CS of the DAC7731 can be tied LOW or held LOW by the controller for an indefinite number of serial clock cycles. Each clock cycle will transfer data into the 16-Bit Data Word Most Significant Byte Least Significant Byte Byte 1, Word N Byte 2, Word N Byte 1, Word N – 1 Byte 2, Word N – 1 B15 A15 A14 A13 A8 A7 A6 A0 B14 B13 B8 B7 B6 B0 12 8 9 10 16 CS SCLK SDI SDO LDAC 1 2 16 1 2 16 1 2 B15 B14 B1 B0 C15 C14 C1 C0 D15 D14 C14 C15 B0 B1 B14 B15 A0 A1 A14 A15 Word N Word N + 1 Word N + 2 Word N – 1 Word N Word N + 1 CS SCLK SDI SDO LDAC FIGURE 6. Continuous Transfer Control. FIGURE 5. Byte-Wide Data Write Cycle. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |