Electronic Components Datasheet Search
  English  ▼

X  

DAC7731 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC7731
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7731 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC7731 Datasheet HTML 4Page - Texas Instruments DAC7731 Datasheet HTML 5Page - Texas Instruments DAC7731 Datasheet HTML 6Page - Texas Instruments DAC7731 Datasheet HTML 7Page - Texas Instruments DAC7731 Datasheet HTML 8Page - Texas Instruments DAC7731 Datasheet HTML 9Page - Texas Instruments DAC7731 Datasheet HTML 10Page - Texas Instruments DAC7731 Datasheet HTML 11Page - Texas Instruments DAC7731 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DAC7731
8
SBAS249B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = +25°C (unless otherwise noted).
900
800
700
600
500
400
300
200
100
0
0.01K
0.1K
1K
10K
100K
1M
10M
OUTPUT NOISE vs FREQUENCY
Frequency (Hz)
Unipolar Configuration, Internal Reference Enabled
Code FFFF
H
Code 0000
H
800
700
600
500
400
300
200
100
0
0.01K
0.1K
1K
10K
100K
1M
10M
OUTPUT NOISE vs FREQUENCY
Frequency (Hz)
Bipolar Configuration:
±10V, Internal Reference Enabled
Code 0000
H
Code FFFF
H
Code 8000
H
BROADBAND NOISE
Time (100
µs/div)
Internal Reference Enabled
Filtered with 1.6Hz Low-Pass
Code FFFF
H, Bipolar ±10V Configuration
10kHz Measurement BW
Unipolar Configuration: V
OUT = 0 to +10V
Zero-Scale to +Full-Scale Change
5k
Ω, 200pF Load
Large-Signal Output (5V/div)
UNIPOLAR FULL-SCALE SETTLING TIME
Time (2
µs/div)
Small-Signal Error (150
µV/div)
Bipolar Configuration: V
OUT = –10 to +10V
–Full-Scale to +Full-Scale
5k
Ω, 200pF Load
Large-Signal Output (5V/div)
BIPOLAR FULL-SCALE SETTLING TIME
Time (2
µs/div)
Small-Signal Error (300
µV/div)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
1
10
100
1K
10K
100K
1M
10M
POWER-SUPPY REJECTION RATIO vs FREQUENCY
(Measured at REF
OUT)
Frequency (Hz)
V
SS
V
CC
V
DD
Internal Reference Enabled
–V
SS, VCC = 15V + 1Vp-p,
V
DD = 5V + 0.5Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com