Electronic Components Datasheet Search
  English  ▼

X  

DDC232C Datasheet(PDF) 24 Page - Texas Instruments

Part # DDC232C
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232C Datasheet(HTML) 24 Page - Texas Instruments

Back Button DDC232C Datasheet HTML 20Page - Texas Instruments DDC232C Datasheet HTML 21Page - Texas Instruments DDC232C Datasheet HTML 22Page - Texas Instruments DDC232C Datasheet HTML 23Page - Texas Instruments DDC232C Datasheet HTML 24Page - Texas Instruments DDC232C Datasheet HTML 25Page - Texas Instruments DDC232C Datasheet HTML 26Page - Texas Instruments DDC232C Datasheet HTML 27Page - Texas Instruments DDC232C Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
t
INT
* tSDCV ) tSDCV ) tHDDODV
(20
32)t
DCLK
…
…
…
…
…
…
…
…
…
…
…
…
DCLK
DVALID
CONV
DOUT
Side B
Data
Side A
Data
t
INT
t
SDCV
t
SDCV
t
HDDODV
t
INT
t
INT
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
RETRIEVAL BEFORE AND AFTER CONV
TOGGLES (CONTINUOUS MODE)
(4)
For the absolute maximum time for data retrieval,
NOTE: (16 × 32)tDCLK is used for Format = 0.
data can be retrieved before and after CONV toggles.
Nearly all of tINT is available for data retrieval.
For tINT = 400ms and DCLK = 10MHz, the maximum
Figure 22 illustrates how this is done by combining
number
of
DDC232s
is
five
(or
seven
for
the two previous methods. Pause the retrieval during
Format = 0).
CONV toggling to prevent digital noise, as discussed
previously, and finish before the next data are ready.
The maximum number of DDC232s that can be
daisy-chained together with Format = 1 is:
Figure 22. Readback Before and After CONV Toggles
24
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com