Electronic Components Datasheet Search
  English  ▼

X  

DDC232C Datasheet(PDF) 4 Page - Texas Instruments

Part # DDC232C
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232C Datasheet(HTML) 4 Page - Texas Instruments

  DDC232C Datasheet HTML 1Page - Texas Instruments DDC232C Datasheet HTML 2Page - Texas Instruments DDC232C Datasheet HTML 3Page - Texas Instruments DDC232C Datasheet HTML 4Page - Texas Instruments DDC232C Datasheet HTML 5Page - Texas Instruments DDC232C Datasheet HTML 6Page - Texas Instruments DDC232C Datasheet HTML 7Page - Texas Instruments DDC232C Datasheet HTML 8Page - Texas Instruments DDC232C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +5V, DVDD = +3.0V, VREF = +4.096V, tINT = 333ms for DDC232C or 166ms for
DDC232CK,
Range 7, and continuous mode operation, unless otherwise noted.
DDC232C
DDC232CK
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
PERFORMANCE OVER TEMPERATURE
Offset Drift
±0.5
5
(8)
±0.5
5
(8)
ppm of FSR/°C
Offset Drift Stability
±0.2
2
(8)
±0.2
2
(8)
ppm of FSR/minute
DC Bias Voltage Drift
(9)
±3
±3
mV/°C
Input Bias Current Drift
TA = +25°C to +45°C
0.01
1
(8)
0.01
1
(8)
pA/°C
Range Drift
(10)
25
50
25
50
ppm/°C
Range Drift Match
(11)
±5
±5
ppm/°C
REFERENCE
Voltage
4.000
4.096
4.200
4.000
4.096
4.200
V
Input Current
(12)
Average Value with tINT = 333ms
325
mA
Average Value with tINT = 166.5ms
650
mA
DIGITAL INPUT/OUTPUT
Logic Levels
VIH
0.8 DVDD
DVDD + 0.1
0.8 DVDD
DVDD + 0.1
V
VIL
–0.1
0.2 DVDD
–0.1
0.2 DVDD
V
VOH
IOH = –500mA
DVDD – 0.4
DVDD – 0.4
V
VOL
IOL = 500mA
0.4
0.4
V
Input Current (IIN)
0 < VIN < DVDD
±10
±10
mA
Data Format
(13)
Straight Binary
Straight Binary
POWER-SUPPLY REQUIREMENTS
Analog Power-Supply Voltage (AVDD)
4.75
5.0
5.25
4.9
5.0
5.1
V
Digital Power-Supply Voltage (DVDD)
2.7
3.0
3.6
2.7
3.0
3.6
V
Supply Current
Analog Current
41
60
mA
Digital Current
3.7
8.0
mA
Total Power Dissipation
224
288
290
mW
Per Channel Power Dissipation
7
9
10
mW/Channel
(8)
Ensured by design, not production tested.
(9)
Voltage produced by the DDC232 at its input that is applied to the sensor.
(10) Range drift does not include external reference drift.
(11) Matching between side A and side B of the same input.
(12) Input reference current decreases with increasing tINT (see the Voltage Reference section, page 10).
(13) Data format is Straight Binary with a small offset. The number of bits in the output word is controlled by the Format bit.
4
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com