| Electronic Components Datasheet Search |
|
DDC232CK Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DDC232CK Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 35 page ![]() 5 6 7 8 4 5 Integrate A Integrate B Integrate B Integrate A m/r/az B m/r/az A m/r/az B CONV State Integration Status m/r/az Status mbsy DVALID tMRAZ tCMDR t = 0 Power−Up Side B Data Side A Data Side B Data DDC232 SBAS331D – AUGUST 2004 – REVISED APRIL 2010 www.ti.com TIMING EXAMPLES top signal is CONV and is supplied by the user. The Continuous Mode next line indicates the current state in the state diagram. The following two traces show when A few timing diagrams help illustrate the operation of integrations and measurement cycles are underway. the integrate/measure state machine. These The internal signal mbsy is shown next. Finally, diagrams are shown in Figure 11 through Figure 16. DVALID is given. As described in the data sheet, Table 9 gives generalized timing specifications in DVALID goes active low when data are ready to be units of CLK periods for Clk_4x = 0. If Clk_4x = 1, retrieved from the DDC232. It stays low until DCLK is these values increase by a factor of 4 because of the taken high and then back low by the user. The text internal clock divider. Values (in ms) for Table 9 can below the DVALID pulse indicates the side of the be easily found for a given CLK. data available to be read and arrows help match the Figure 11 shows a few integration cycles beginning data to the corresponding integration. with initial power-up for a Cont mode example. The Figure 11. Continuous Mode Timing Table 9. Timing Specifications Generalized in CLK Periods VALUE (CLK Periods with Clk_4x = 0) SYMBOL DESCRIPTION DDC232C DDC232CK tMRAZ Continuous mode, m/r/az cycle 1552 ± 2 1612 ± 2 tCMDR Continuous mode, data ready 1382 ± 2 1382 ± 2 16 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): DDC232 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |