Electronic Components Datasheet Search
  English  ▼

X  

DDC232CK Datasheet(PDF) 32 Page - Texas Instruments

Part # DDC232CK
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232CK Datasheet(HTML) 32 Page - Texas Instruments

Back Button DDC232CK Datasheet HTML 27Page - Texas Instruments DDC232CK Datasheet HTML 28Page - Texas Instruments DDC232CK Datasheet HTML 29Page - Texas Instruments DDC232CK Datasheet HTML 30Page - Texas Instruments DDC232CK Datasheet HTML 31Page - Texas Instruments DDC232CK Datasheet HTML 32Page - Texas Instruments DDC232CK Datasheet HTML 33Page - Texas Instruments DDC232CK Datasheet HTML 34Page - Texas Instruments DDC232CK Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.45
1.27
0.41
0.31
TYP
5.6
TYP
5.6 TYP
0.8 TYP
0.8 TYP
64X
0.51
0.41
A
8.1
7.9
B
8.1
7.9
(1.2) TYP
(1.2) TYP
NFBGA - 1.45 mm max height
ZXG0064A
PLASTIC BALL GRID ARRAY
4220377/A 03/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This package is lead-free.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.12 C
0.15
C A B
0.08
C
SYMM
SYMM
BALL A1 CORNER
1
A
2
3
4
5
6
7
8
B
C
D
E
F
G
H
SCALE 1.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com