Electronic Components Datasheet Search
  English  ▼

X  

DDC232CK Datasheet(PDF) 26 Page - Texas Instruments

Part # DDC232CK
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232CK Datasheet(HTML) 26 Page - Texas Instruments

Back Button DDC232CK Datasheet HTML 22Page - Texas Instruments DDC232CK Datasheet HTML 23Page - Texas Instruments DDC232CK Datasheet HTML 24Page - Texas Instruments DDC232CK Datasheet HTML 25Page - Texas Instruments DDC232CK Datasheet HTML 26Page - Texas Instruments DDC232CK Datasheet HTML 27Page - Texas Instruments DDC232CK Datasheet HTML 28Page - Texas Instruments DDC232CK Datasheet HTML 29Page - Texas Instruments DDC232CK Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
PowerSupplies
RESET
t
POR
t
RST
CONV
AVDD
DVDD
AGND
DGND
DDC232
10 F
m
0.1 F
m
0.1 F
m
VA
10 F
m
VD
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
POWER-UP SEQUENCING
LAYOUT
Prior to power-up, all digital and analog inputs must
POWER SUPPLIES AND GROUNDING
be low. At the time of power-up, all of these signals
should remain low until the power supplies have
Both AVDD and DVDD should be as quiet as
stabilized, as shown in Figure 24. At this time, begin
possible. It is particularly important to eliminate noise
supplying the master clock signal to the CLK pin.
from AVDD that is nonsynchronous with the DDC232
Wait for time tPOR, then give a RESET pulse. After
operation. Figure 25 illustrates how to supply power
releasing RESET, the configuration register must be
to the DDC232. Each supply of the DDC232 should
programmed. Table 16 shows the timing for the
be bypassed with 10mF solid tantalum capacitors. It is
power-up sequence.
recommended that both the analog and digital
grounds (AGND and DGND) be connected to a single
ground plane on the printed circuit board (PCB).
Figure 24. DDC232 Timing at Power-Up
Figure 25. Power-Supply Connections
Table 16. Timing Characteristics for DDC232
Power-Up Sequence
Shielding Analog Signal Paths
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
As with any precision circuit, careful PCB layout will
Wait After Power-Up
ensure the best performance. It is essential to make
tPOR
250
ms
Until Reset
short, direct interconnections and avoid stray wiring
tRST
Reset Low Width
1
ms
capacitance—particularly at the analog input pins and
QGND. These analog input pins are high-impedance
BLANKSPACE
and extremely sensitive to extraneous noise. The
QGND pin should be treated as a sensitive analog
BLANKSPACE
signal and connected directly to the supply ground
BLANKSPACE
with proper shielding. Leakage currents between the
PCB traces can exceed the input bias current of the
BLANKSPACE
DDC232 if shielding is not implemented. Digital
signals should be kept as far as possible from the
analog input signals on the PCB.
26
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com