Electronic Components Datasheet Search
  English  ▼

X  

BC108 Datasheet(PDF) 1 Page - TT Electronics.

Part # BC108
Description  GENERAL PURPOSE NPN SMALL SIGNAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BC108 Datasheet(HTML) 1 Page - TT Electronics.

  BC108 Datasheet HTML 1Page - TT Electronics. BC108 Datasheet HTML 2Page - TT Electronics. BC108 Datasheet HTML 3Page - TT Electronics. BC108 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL PURPOSE NPN
SMALL SIGNAL TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9695
Issue 1
Page 1 of 4
BC107/A/B/C
BC108/A/B/C
BC109/A/B/C
• Hermetic TO-18 Metal package.
• Designed For Low Noise General Purpose Amplifiers,
Driver Stages and Signal Processing Applications
• Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
BC107
BC108
BC109
VCEO
Collector – Emitter Voltage
45V
25V
25V
VCBO
Collector – Base Voltage
50V
30V
30V
VEBO
Emitter – Base Voltage
6V
5V
5V
IC
Continuous Collector Current
100mA
PD
Total Power Dissipation at
TA = 25°C
300mW
Derate Above 25°C
2mW/°C
TJ
Junction Temperature Range
-55 to +175°C
Tstg
Storage Temperature Range
-55 to +175°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
500
°C/W


Similar Part No. - BC108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC108 PHILIPS-BC108 Datasheet
49Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
STMicroelectronics
BC108 STMICROELECTRONICS-BC108 Datasheet
69Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
logo
Seme LAB
BC108 SEME-LAB-BC108 Datasheet
14Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Siemens Semiconductor G...
BC108 SIEMENS-BC108 Datasheet
263Kb / 8P
npn sisicon transistor
logo
NXP Semiconductors
BC108 PHILIPS-BC108 Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
More results

Similar Description - BC108

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Fairchild Semiconductor
2N718A FAIRCHILD-2N718A Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
MPS2924 FAIRCHILD-MPS2924 Datasheet
41Kb / 1P
NPN Small Signal General Purpose Amplifier
PN5135 FAIRCHILD-PN5135 Datasheet
320Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
TAITRON Components Inco...
2N4400 TAITRON-2N4400 Datasheet
218Kb / 4P
Small Signal General Purpose Transistors (NPN)
logo
New Jersey Semi-Conduct...
2N3567 NJSEMI-2N3567 Datasheet
143Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
2N3691 NJSEMI-2N3691 Datasheet
129Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER
2N3700 NJSEMI-2N3700 Datasheet
130Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Inchange Semiconductor ...
BC109 ISC-BC109 Datasheet
257Kb / 2P
isc General Purpose NPN Small Signal Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com