Electronic Components Datasheet Search
  English  ▼

X  

BC108 Datasheet(PDF) 3 Page - TT Electronics.

Part # BC108
Description  GENERAL PURPOSE NPN SMALL SIGNAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BC108 Datasheet(HTML) 3 Page - TT Electronics.

  BC108 Datasheet HTML 1Page - TT Electronics. BC108 Datasheet HTML 2Page - TT Electronics. BC108 Datasheet HTML 3Page - TT Electronics. BC108 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GENERAL PURPOSE NPN
SMALL SIGNAL TRANSISTOR
BC107
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9695
Issue 1
Page 3 of 4
DYNAMIC CHARACTERISTICS
hfe
Small-Signal Current Gain
IC = 2mA
f = 1KHz
VCE = 5V
-
B
B
B
BC
C
C
C107
107
107
107
125
500
B
B
B
BC
C
C
C108
108
108
108
125
900
B
B
B
BC
C
C
C109
109
109
109
240
900
A Group
A Group
A Group
A Group
125
260
B Group
B Group
B Group
B Group
240
500
C Group
C Group
C Group
C Group
450
900
fT
Transition Frequency
IC = 10mA
VCE = 5V
150
MHz
f = 100MHz
Cobo
Output Capacitance
VCB = 10V
IE = 0
6
pF
f = 1.0MHz
NF
(2)
Noise Figure
IC = 0.2mA
VCE = 5V
RG = 2KΩ
dB
f = 30Hz-15.0KHz
BC109
BC109
BC109
BC109
4.0
f = 1KHz, ∆f = 200Hz
BC109
BC109
BC109
BC109
4.0
BC10
BC10
BC10
BC107/108
7/108
7/108
7/108
10
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
(2)
By design only, not a production test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com