Electronic Components Datasheet Search
  English  ▼

X  

BC108 Datasheet(PDF) 2 Page - TT Electronics.

Part # BC108
Description  GENERAL PURPOSE NPN SMALL SIGNAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BC108 Datasheet(HTML) 2 Page - TT Electronics.

  BC108 Datasheet HTML 1Page - TT Electronics. BC108 Datasheet HTML 2Page - TT Electronics. BC108 Datasheet HTML 3Page - TT Electronics. BC108 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENERAL PURPOSE NPN
SMALL SIGNAL TRANSISTOR
BC107
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9695
Issue 1
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
BC107
BC108
BC109
Units
VCEO
Collector Emitter
IC = 2mA
IB = 0
>45
>25
>25
V
VEBO
Emitter Base
IE = 10µA
IC = 0
>6
>5
5
ICBO
Collector-Cut-Off Current
VCB = 45V
IE = 0
<15
nA
VCB = 25V
IE = 0
<15
<15
VCB = 45V
IE = 0
TA =125°C
<4
µ
A
VCB = 25V
IE = 0
<4
<4
hFE
DC Current Gain
IC = 10µA
VCE = 5V
-
B Group
B Group
B Group
B Group
>40
C Group
C Group
C Group
C Group
>100
IC = 2mA
VCE = 5V
-
B
B
B
BC
C
C
C107
107
107
107
110-450
B
B
B
BC
C
C
C108
108
108
108
110-800
B
B
B
BC
C
C
C109
109
109
109
200-800
A Group
A Group
A Group
A Group
110-220
B Group
B Group
B Group
B Group
200-450
C Group
C Group
C Group
C Group
420-800
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
MIN.
TYP.
Max
Units
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 10mA
IB = 0.5mA
0.25
V
IC = 100mA
IB = 5mA
0.60
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 10mA
IB = 0.5mA
0.83
IC = 100mA
IB = 5mA
1.05
VBE(on)
(1)
Base Emitter On Voltage
IC = 2mA
VCE = 5V
0.55
0.70
IC = 10mA
VCE = 5V
0.77



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com