Electronic Components Datasheet Search
  English  ▼

X  

TLP785F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP785F
Description  TOSHIBA Photocoupler GaAs IRED & Photo−Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP785F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP785F Datasheet HTML 1Page - Toshiba Semiconductor TLP785F Datasheet HTML 2Page - Toshiba Semiconductor TLP785F Datasheet HTML 3Page - Toshiba Semiconductor TLP785F Datasheet HTML 4Page - Toshiba Semiconductor TLP785F Datasheet HTML 5Page - Toshiba Semiconductor TLP785F Datasheet HTML 6Page - Toshiba Semiconductor TLP785F Datasheet HTML 7Page - Toshiba Semiconductor TLP785F Datasheet HTML 8Page - Toshiba Semiconductor TLP785F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLP785,TLP785F
2015-10-09
1
1
2
3
4
1 : Anode
2 : Cathode
3 : Emitter
4 : Collector
TOSHIBA Photocoupler
GaAs IRED & Photo
−Transistor
TLP785, TLP785F
Office Equipment
Household Appliances
Solid State Relays
Switching Power Supplies
Various Controllers
Signal Transmission between Different Voltage
Circuits
The TOSHIBA TLP785 consists of a silicone phototransistor optically
coupled to a gallium arsenide (GaAs) infrared emitting diode in a four
lead plastic DIP (DIP4) with having high isolation voltage
(AC: 5 kVRMS (min)).
TLP785F is a lead forming type for the long creepage surface mounting
of TLP785.
• TLP785: 7.62 mm pitch type DIP4
• TLP785F: 10.16 mm pitch type DIP4
• Collector-emitter voltage: 80 V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 5000 Vrms (min)
• UL approved : UL1577, File No.E67349
• c-UL approved :CSA Component Acceptance Service
No. 5A, File No.E67349
• Option (D4) VDE approved : DIN EN60747-5-5(Note 1)
• CQC-approved: GB4943.1, GB8898 China Factory
• SEMKO approved: EN60065:2002
EN60950-1:2001, EN60335-1:2002
Note 1 : When a EN60747-5-5 approved type is needed, please
designate “Option(D4)”
• Construction mechanical rating
7.62 mm Pitch
Standard Type
10.16 mm Pitch
TLPxxxF Type
Creepage distance
7.0 mm (min)
8.0 mm (min)
Clearance
7.0 mm (min)
8.0 mm (min)
Insulation thickness
0.4 mm (min)
0.4 mm (min)
Inner creepage distance
4.0 mm (min)
4.0 mm (min)
Unit: mm
TOSHIBA
11-5L1
Weight: 0.25 g (typ.)
Unit: mm
TOSHIBA
11-5L102
Weight: 0.25 g (typ.)
TLP785
TLP785F
Pin Configurations (top view)
Start of commercial production
2010-11


Similar Part No. - TLP785F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP785F TOSHIBA-TLP785F Datasheet
374Kb / 16P
Office Equipment Household Appliances
TLP785F TOSHIBA-TLP785F Datasheet
724Kb / 15P
TOSHIBA Photocoupler IRED & Photo−Transistor
2019-03-11
TLP785FC TOSHIBA-TLP785FC Datasheet
724Kb / 15P
TOSHIBA Photocoupler IRED & Photo−Transistor
2019-03-11
More results

Similar Description - TLP785F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com