Electronic Components Datasheet Search
  English  ▼

X  

TLP785F Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TLP785F
Description  TOSHIBA Photocoupler GaAs IRED & Photo−Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP785F Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TLP785F Datasheet HTML 7Page - Toshiba Semiconductor TLP785F Datasheet HTML 8Page - Toshiba Semiconductor TLP785F Datasheet HTML 9Page - Toshiba Semiconductor TLP785F Datasheet HTML 10Page - Toshiba Semiconductor TLP785F Datasheet HTML 11Page - Toshiba Semiconductor TLP785F Datasheet HTML 12Page - Toshiba Semiconductor TLP785F Datasheet HTML 13Page - Toshiba Semiconductor TLP785F Datasheet HTML 14Page - Toshiba Semiconductor TLP785F Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TLP785,TLP785F
2015-10-09
13
I CE O - Ta
I C - V CE
Ambient temperature
Ta (°C)
Collector-emitter voltage
VCE
(V)
I C - V CE
I C - I F
Collector-emitter voltage
VCE
(V)
I C/ I F - I F
Forward current
IF (mA)
Forward current
IF (mA)
*The above graphs show typical characteristic.
0.0001
0.001
0.01
0.1
1
10
0
20
40
60
80
100
0
20
40
60
80
0
2
4
6
8
10
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
1
10
100
1000
0.1
1
10
100
5
10
50
30
20
15
Ta=25˚C
I F= 2 mA
Ta=25˚C
5
10
50
30
20
15
I F= 2 mA
VCE=5 V
VCE=0.4 V
Ta=25˚C
VCE =24 V
Ta=25˚C
VCE=5 V
VCE=0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com