Electronic Components Datasheet Search
  English  ▼

X  

TLP785F Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TLP785F
Description  TOSHIBA Photocoupler GaAs IRED & Photo−Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP785F Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TLP785F Datasheet HTML 7Page - Toshiba Semiconductor TLP785F Datasheet HTML 8Page - Toshiba Semiconductor TLP785F Datasheet HTML 9Page - Toshiba Semiconductor TLP785F Datasheet HTML 10Page - Toshiba Semiconductor TLP785F Datasheet HTML 11Page - Toshiba Semiconductor TLP785F Datasheet HTML 12Page - Toshiba Semiconductor TLP785F Datasheet HTML 13Page - Toshiba Semiconductor TLP785F Datasheet HTML 14Page - Toshiba Semiconductor TLP785F Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TLP785,TLP785F
2015-10-09
14
I C - Ta
V CE ( s a t ) - Ta
Ambient temperature
Ta
(°C)
Ambient temperature
Ta
(°C)
S w i t c h i ng t i m e - R L
Load resistance
RL (k
Ω)
*The above graphs show typical characteristic.
0.1
1
10
100
-40
-20
0
20
40
60
80
100
0
0.04
0.08
0.12
0.16
0.2
-40
-20
0
20
40
60
80
100
1
10
100
1000
1
10
100
IF=5 mA,
IC=1 mA
IF=0.5 mA
5
1
10
20
toff
Ta=25˚C
IF=16 mA
VCC=5 V
ts
ton
VCE=5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com