Electronic Components Datasheet Search
  English  ▼

X  

SW70AAB Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SW70AAB
Description  Model SW Breaker (Surface Mount Thermal Cutoff Device)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SW70AAB Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SW70AAB Datasheet HTML 1Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 2Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 3Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 4Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 5Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 6Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Model SW Breaker (Surface Mount Thermal Cutoff Device)
Standard Packaging Specifications
Reel (13 inch) .................................................................................................................................................................. 5,000 pcs. (fixed)
Outer Box (690 mm x 344 mm x 136 mm) .................................................................................................................... 50,000 pcs. (fixed)
Marking...........................................A label will be attached on the reel and outer box which includes the following items, at a minimum:
Part name, part number, quantity, lot number, safety approval mark (UL, etc.),
company name (Bourns KK) and any other items required by the customer.
13.5 ± 1.0
(.531 ± .039)
17.5 ± 1.0
(.689 ± .039)
21.0 ± 0.8
(.827 ± .031)
1.0
(.039)
R
13.0 ± 0.2
(.512 ± .008)
DIA.
DIA.
CENTER HOLE
ENLARGEMENT
2.0 ± 0.5
(.079 ± .020)
2.0
(.079)
2.8
(.110)
2.0
(.079)
13.0 ± 0.2
(.512 ± .008)
80.0 ± 1.0
(3.150 ± .039)
DIA.
330.0 ± 2.0
(12.992 ± .079)
DIA.
10.0
(.394)
DIA.
90.0
(3.543)
DIA.
35 °
5.0
(.197)
R
NOTES:
1) The corner and ridge radiuses (R) of inside cavity
are 0.3 mm / (.012 in.) max.
2) Cumulative tolerance of 10 pitches of the sprocket
hole is ±0.2 mm / (.008 in.).
3) Measuring of cavity positioning is based on cavity
center in accordance with JIS/IEC standard.
DIA.
1.50 +0.1/-0
(.059 +.004/-.000)
1.75
(.069)
5.5
(.217)
12.00 +0.2/-0.1
(.472 +.008/-.004)
2.00
(.079)
4.00
(.157)
8.00
(.315)
3.15
(.124)
0.3 ± 0.05
(.012 ± .002)
5.05
(.199)
1.2 +0.2/-0.1
(.047 +.008/-.004)
1.5 +0.2/-0.1
(.059 +.008/-.004)
REEL
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
0.1 UNLESS OTHERWISE NOTED
(.004)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com