Electronic Components Datasheet Search
  English  ▼

X  

SW70AAB Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SW70AAB
Description  Model SW Breaker (Surface Mount Thermal Cutoff Device)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SW70AAB Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SW70AAB Datasheet HTML 1Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 2Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 3Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 4Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 5Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 6Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Model SW Breaker (Surface Mount Thermal Cutoff Device)
Product Dimensions
Pin Locations
4.4 +0.25/-0.05
(.173 +.010/-.002)
4.7
(.185)
2.8
(.110)
0.94 ± 0.05
(.037 ± .002)
0.125
(.005)
R
4 PLCS.
0.08
(.003)
4 PLCS.
0.5
(.020)
1.71
(.067)
1.71
(.067)
1.49
(.059)
1.54
(.061)
ARM
TERMINALS
BASE
TERMINALS
1
2
1A
2A
1A
2A
1
2
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Land Pattern
Symbol and Pins
4.7
(.185)
4.4 +0.25/-0.05
(.173 +.010/-.002)
ARM
TERMINAL
BASE
TERMINAL
COVER
BIMETAL
DISC
ARM
COVER PLATE
BASE
CONTACT
PTC
2.8
(.110)
0.125
(.005)
R
4 PLCS.
4 PLCS.
1.07 ± 0.05
(.042 ± .002) SCxxAAA
0.94 ± 0.05
(.037 ± .002) SCxxAAB
0.08
(.003)
1.71
(.067)
1.71
(.067)
0.5
(.020)
1.54
(.061)
1.49
(.059)
BASE
TERMINALS
ARM
TERMINALS
3.42
(.135)
2.3
(.091)
0.7
(.028)
BASE
TERMINALS
ARM
TERMINALS
0.7
(.028)
Recommended Mask Thickness: 0.12 mm / (.005 in.)
Recommended Solder Particle Size: 30 µm
Mounting Cautions
In order to protect the housing and mechanical parts inside from
deformation, prevent excessive load at the time of part absorption
/ part deployment and mounting. A part absorption nozzle more
than 2 mm in diameter with a 3 N (5 N max.) mounting load is
recommended. Any shock to the product by the nozzle during the
mounting procedure may have a negative impact on the function of
the breaker.
Application Temperature Range
........................................................................................-30 ~ 100 °C
Environmental Specifications
Moisture Sensitivity Level................................................................. 1
ESD Classification (HBM)................................................................. 6
PINS 1, 1A
PINS 2, 2A
t°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com