Electronic Components Datasheet Search
  English  ▼

X  

SW70AAB Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # SW70AAB
Description  Model SW Breaker (Surface Mount Thermal Cutoff Device)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SW70AAB Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  SW70AAB Datasheet HTML 1Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 2Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 3Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 4Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 5Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 6Page - Bourns Electronic Solutions SW70AAB Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Model SW Breaker (Surface Mount Thermal Cutoff Device)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Storage Conditions
1) The breaker must be stored in the standard packaging with the following conditions: ambient temperature of -10 to +40 °C,
RH <75 % with no radical temperature change, direct sunshine, excessive vibration or shock.
2) Avoid storage locations where there is a possibility of generating corrosive gas such as from salt breeze, chlorine, hydrogen
sulfide, ammonium, sulfide-oxidation, hydrogen chloride, acetate, etc.
3) Storage period should be no longer than 24 months from date of shipment.
Caution when using Breaker
Before using the breaker, please fully read the DESIGN AND HANDLING CAUTIONS stated below to avoid breaker performance
deterioration and/or damage to the breaker body or terminal.
DESIGN AND HANDLING CAUTIONS
1. Use within the electrical ratings specified in this data sheet. If used over the rating of voltage or current, ON-OFF life might be
impacted and contact may deteriorate due to breaker arm damage.
2. If used over the maximum electrical rating specified in this data sheet, the circuit may not open safely or operate properly. Please
test your device for any abnormalities and confirm that the breaker will open the circuit safely in your device. Any use over the
maximum electrical rating is at the sole risk of the user.
3. Mount the breaker on your device where heat is the highest in order to transfer it effectively to the breaker.
4. If the breaker is affixed with an adhesive (resin, etc.), before proceeding, fully test, evaluate and verify that the adhesive presents
no negative effects on the breaker before proceeding.
5. After the breaker is mounted, affix it so that the breaker body and terminals will not move. If not affixed properly, breaker
resistance could increase or contact could open due to stress during handling or vibration/shock during transportation.
6. If breaker is to be resin-molded, test and evaluate the application to determine whether the breaker can be used effectively.
7. The breaker cannot be used as a repetitive ON-OFF thermostat.
8. The breaker is not washable. Do not wash.
9. Do not let a solder iron touch the breaker body.
10. Do not attach solder to the breaker body.
11. When mounting and after mounting the breaker, do not apply supersonic vibration. Vibration and heat may cause breaker
resistance to increase or may cause body damage. If you plan to apply supersonic vibration after mounting the breaker, you
will need to evaluate whether the breaker is suitable for your specific application. The breaker is not designed or warranted to
withstand supersonic vibration.
12. Do not use the breaker in the following environments:
a) Water, oil, chemical or organic solutions
b) Direct sunlight, outdoor exposure, dust
c) Dew condensation, where the breaker could get wet
d) Salt breeze, chlorine, hydrogen sulfide, ammonium, sulfide-oxidation, hydrogen chloride, acetate and anywhere there is a
possibility of generating corrosive gas such as sulfurous acid gas
e) Strong static electric charge or electromagnetic wave
13. The breaker is not designed or tested for, and should not be used in, aerospace, airplane, nuclear, military, life-saving, life-critical
or life-sustaining medical and other related applications where failure or malfunction may result in personal injury, death or severe
property or environmental damage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com