Electronic Components Datasheet Search
  English  ▼

X  

NB679GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button NB679GD Datasheet HTML 10Page - Monolithic Power Systems NB679GD Datasheet HTML 11Page - Monolithic Power Systems NB679GD Datasheet HTML 12Page - Monolithic Power Systems NB679GD Datasheet HTML 13Page - Monolithic Power Systems NB679GD Datasheet HTML 14Page - Monolithic Power Systems NB679GD Datasheet HTML 15Page - Monolithic Power Systems NB679GD Datasheet HTML 16Page - Monolithic Power Systems NB679GD Datasheet HTML 17Page - Monolithic Power Systems NB679GD Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
NB679, 28 V VIN, FIXED 5V-8A BUCK CONVERTER WITH LDO
NB679 Rev. 1.03
www.MonolithicPower.com
15
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Input Capacitor
The input current to the step-down converter is
discontinuous, and therefore requires a capacitor
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Ceramic capacitors are recommended for best
performance and should be placed as close to
the VIN pin as possible. Capacitors with X5R and
X7R
ceramic
dielectrics
are
recommended
because they are fairly stable with temperature
fluctuations.
The capacitors must have a ripple-current rating
greater than the maximum input ripple current of
the converter. The input ripple current can be
estimated with Equation (3) and Equation (4):
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(3)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
(4)
For simplification, choose the input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitor value determines the input
voltage ripple of the converter. If there is an input
voltage ripple requirement in the system, choose
an input capacitor that meets the specification.
The input voltage ripple can be estimated using
Equation (5) and Equation (6):
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
F
C
V
V
 
(5)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
IN
SW
IN
I
1
V
4
F
C
 
(6)
Output Capacitor
An output capacitor is required to maintain the
DC
output
voltage.
Ceramic
or
POSCAP
capacitors are recommended. The output voltage
ripple can be estimated using Equation (7):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
F
L
V
8 F
C
 
(7)
When using ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is caused
mainly by the capacitance. For simplification, the
output voltage ripple can be estimated using
Equation (8):
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 F
L C
V
 
 
(8)
When using POSCAP capacitors, the ESR
dominates
the
impedance
at
the
switching
frequency.
The
output
ripple
can
be
approximated with Equation (9):
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
F
L
V
 
(9)
The maximum output capacitor limitation should
be considered in design application. For a small
soft-start time period (if the output capacitor
value is too high), the output voltage cannot
reach the design value during the soft-start time,
causing it to fail to regulate. The maximum output
capacitor
value
(Co_max)
can
be
limited
approximately using Equation (10):
O _ MAX
LIM _ AVG
OUT
ss
OUT
C
(I
I
) T / V
(10)
Where, ILIM_AVG is the average start-up current
during a soft-start period (it can be equivalent to
the current limit value), and Tss is the soft-start
time.
Inductor
The inductor is necessary to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor results in less ripple current, resulting in
a lower output ripple voltage. However, a larger
value inductor has a larger physical footprint, a
higher
series
resistance,
and/or
a
lower
saturation current. A good rule for determining
the inductance value is to design the peak-to-
peak ripple current in the inductor to be in the
range of 30 percent to 50 percent of the
maximum output current, with the peak inductor
current below the maximum switch current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com