Electronic Components Datasheet Search
  English  ▼

X  

INA131 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA131
Description  Precision G = 100 INSTRUMENTATION AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA131 Datasheet(HTML) 3 Page - Texas Instruments

  INA131 Datasheet HTML 1Page - Texas Instruments INA131 Datasheet HTML 2Page - Texas Instruments INA131 Datasheet HTML 3Page - Texas Instruments INA131 Datasheet HTML 4Page - Texas Instruments INA131 Datasheet HTML 5Page - Texas Instruments INA131 Datasheet HTML 6Page - Texas Instruments INA131 Datasheet HTML 7Page - Texas Instruments INA131 Datasheet HTML 8Page - Texas Instruments INA131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
®
INA131
3
PIN CONFIGURATION
Top View
P-Package/8-Pin DIP
R
G
V
–
IN
V
+
IN
V–
R
G
V+
V
O
Ref
1
2
3
4
8
7
6
5
PACKAGE/ORDERING INFORMATION
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
INA131AP
8-Pin Plastic DIP
006
–40
°C to +85°C
INA131BP
8-Pin Plastic DIP
006
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
Supply Voltage ..................................................................................
±18V
Input Voltage Range ..........................................................................
±40V
Output Short Circuit (to ground) .............................................. Continuous
Operating Temperature .................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering –10s) .............................................. +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com