Electronic Components Datasheet Search
  English  ▼

X  

INA131 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA131
Description  Precision G = 100 INSTRUMENTATION AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA131 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA131 Datasheet HTML 5Page - Texas Instruments INA131 Datasheet HTML 6Page - Texas Instruments INA131 Datasheet HTML 7Page - Texas Instruments INA131 Datasheet HTML 8Page - Texas Instruments INA131 Datasheet HTML 9Page - Texas Instruments INA131 Datasheet HTML 10Page - Texas Instruments INA131 Datasheet HTML 11Page - Texas Instruments INA131 Datasheet HTML 12Page - Texas Instruments INA131 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
®
INA131
10
INA131
V
O
+10V
Bridge
Ref
INA131
I
B
R
V
IN
–
+
A
1
I
O
Load
I
O =
100 • V
IN
R
Ref
A1
IB Error
OPA177
±1.5nA
OPA602
1pA
OPA128
75fA
FIGURE 9. Differential Voltage to Current Converter.
FIGURE 7. Bridge Transducer Amplifier.
INA131
V
O
C
1
0.1µF
OPA602
Ref
R
1
1M
Ω
f
–3dB =
1
2
πR
1C1
= 1.59Hz
V
IN
+
–
FIGURE 8. AC-Coupled Instrumentation Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com