Electronic Components Datasheet Search
  English  ▼

X  

INA131 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA131
Description  Precision G = 100 INSTRUMENTATION AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA131 Datasheet(HTML) 4 Page - Texas Instruments

  INA131 Datasheet HTML 1Page - Texas Instruments INA131 Datasheet HTML 2Page - Texas Instruments INA131 Datasheet HTML 3Page - Texas Instruments INA131 Datasheet HTML 4Page - Texas Instruments INA131 Datasheet HTML 5Page - Texas Instruments INA131 Datasheet HTML 6Page - Texas Instruments INA131 Datasheet HTML 7Page - Texas Instruments INA131 Datasheet HTML 8Page - Texas Instruments INA131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
®
INA131
4
TYPICAL PERFORMANCE CURVES
At 25
°C, V
S = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
100
1k
100k
1M
10M
10k
60
40
20
0
–20
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100
10k
100k
1M
1k
140
120
100
80
60
40
20
0
INPUT COMMON-MODE VOLTAGE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
Limited
by A
2
– Output
Swing
VD/2
–
+
–
+
V
CM
V
O
VD/2
Limited
by A1
– Output
Swing
Limited
by A1
+ Output
Swing
A
3 + Output
Swing Limit
Limited by A
2
+ Output Swing
A
3 – Output
Swing Limit
POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
Positive Supply
Positive Supply
Positive Supply
Positive Supply
Negative Supply
INPUT- REFERRED NOISE VOLTAGE
vs FREQUENCY
Frequency (Hz)
110
1k
100
100
10
1
10k
OFFSET VOLTAGE WARM-UP vs TIME
Time from Power Supply Turn-on (s)
0
6
4
2
0
–2
–4
–6
15
30
45
60
75
90
105
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com