Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
70
Freescale Semiconductor
Package and Pin Listings
21.3
Pinout Listings
Table 66 shows the pin list of the MPC8360E TBGA package.
Table 66. MPC8360E TBGA Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
Primary DDR SDRAM Memory Controller Interface
MEMC1_MDQ[0:31]
AJ34, AK33, AL33, AL35, AJ33, AK34, AK32, AM36,
AN37, AN35, AR34, AT34, AP37, AP36, AR36, AT35,
AP34, AR32, AP32, AM31, AN33, AM34, AM33, AM30,
AP31, AM27, AR30, AT32, AN29, AP29, AN27, AR29
I/O
GVDD
MEMC1_MDQ[32:63]/
MEMC2_MDQ[0:31]
AN8, AN7, AM8, AM6, AP9, AN9, AT7, AP7, AU6, AP6,
AR4, AR3, AT6, AT5, AR5, AT3, AP4, AM5, AP3, AN3,
AN5, AL5, AN4, AM2, AL2, AH5, AK3, AJ2, AJ3, AH4,
AK4, AH3
I/O
GVDD
MEMC1_MECC[0:4]/
MSRCID[0:4]
AP24, AN22, AM19, AN19, AM24
I/O
GVDD
MEMC1_MECC[5]/
MDVAL
AM23
I/O
GVDD
MEMC1_MECC[6:7]
AM22, AN18
I/O
GVDD
MEMC1_MDM[0:3]
AL36, AN34, AP33, AN28
O
GVDD
MEMC1_MDM[4:7]/
MEMC2_MDM[0:3]
AT9, AU4, AM3, AJ6
O
GVDD
MEMC1_MDM[8]
AP27
O
GVDD
MEMC1_MDQS[0:3]
AK35, AP35, AN31, AM26
I/O
GVDD
MEMC1_MDQS[4:7]/
MEMC2_MDQS[0:3]
AT8, AU3, AL4, AJ5
I/O
GVDD
MEMC1_MDQS[8]
AP26
I/O
GVDD
MEMC1_MBA[0:1]
AU29, AU30
O
GVDD
MEMC1_MBA[2]
AT30
O
GVDD
MEMC1_MA[0:14]
AU21, AP22, AP21, AT21, AU25, AU26, AT23, AR26,
AU24, AR23, AR28, AU23, AR22, AU20, AR18
OGVDD
MEMC1_MODT[0:1]
AG33, AJ36
O
GVDD
6
MEMC1_MODT[2:3]/
MEMC2_MODT[0:1]
AT1, AK2
O
GVDD
6
MEMC1_MWE
AT26
O
GVDD
MEMC1_MRAS
AT29
O
GVDD
MEMC1_MCAS
AT24
O
GVDD
MEMC1_MCS[0:1]
AU27, AT27
O
GVDD
MEMC1_MCS[2:3]/
MEMC2_MCS[0:1]
AU8, AU7
O
GVDD
MEMC1_MCKE[0:1]
AL32, AU33
O
GVDD
3
MEMC1_MCK[0:1]
AK37, AT37
O
GVDD
MEMC1_MCK[2:3]/
MEMC2_MCK[0:1]
AN1, AR2
O
GVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com