Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
76
Freescale Semiconductor
Package and Pin Listings
System Control
PORESET
L37
I
OVDD
HRESET
L36
I/O
OVDD
1
SRESET
M33
I/O
OVDD
2
Thermal Management
THERM0
AP19
I
GVDD
THERM1
AT31
I
GVDD
Power and Ground Signals
AVDD1K35
Power for
LBIU DLL
(1.2 V)
AVDD1
AVDD2K36
Power for
CE PLL
(1.2 V)
AVDD2
AVDD5
AM29
Power for
e300 PLL
(1.2 V)
AVDD5
AVDD6K37
Power for
system
PLL (1.2
V)
AVDD6
GND
A2, A8, A13, A19, A22, A25, A31, A33, A36, B7, B12,
B24, B27, B30, C4, C6, C9, C15, C26, C32, D3, D8, D11,
D14, D17, D19, D23, D27, E7, E13, E25, E30, E36, F4,
F37, G34, H1, H5, H32, H33, J4, J32, J37, K1, L3, L5,
L33, L34, M1, M34, M35, N37, P2, P5, P35, P36, R4, T3,
U1, U5, U35, V37, W1, W4, W33, W36, Y34, AA3, AA5,
AC3, AC32, AC35, AD1, AD37, AE4, AE34, AE36, AF33,
AG4, AG6, AG32, AH35, AJ1, AJ4, AJ32, AJ35, AJ37,
AK36, AL3, AL34, AM4, AN6, AN23, AN30, AP8, AP12,
AP14, AP16, AP17, AP20, AP25, AR6, AR8, AR9, AR19,
AR24, AR31, AR35, AR37, AT4, AT10, AT19, AT20,
AT25, AU14, AU22, AU28, AU35
——
GVDD
AD4, AE3, AF1, AF5, AF35, AF37, AG2, AG36, AH33,
AH34, AK5, AM1, AM35, AM37, AN2, AN10, AN11,
AN12, AN14, AN32, AN36, AP5, AP23, AP28, AR1, AR7,
AR10, AR12, AR21, AR25, AR27, AR33, AT15, AT22,
AT28, AT33, AU2, AU5, AU16, AU31, AU36
Power for
DDR
DRAM
I/O
Voltage
(2.5 V or
1.8 V)
GVDD
LVDD0
D5, D6
Power for
UCC1
Ethernet
Interface
(2.5V,
3.3V)
LVDD0
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com