Electronic Components Datasheet Search
  English  ▼

X  

MPC8358E Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
79
Package and Pin Listings
MEMC_MCS[0:3]
AU27, AT27, AU8, AU7
O
GVDD
MEMC_MCKE[0:1]
AL32, AU33
O
GVDD
3
MEMC_MCK[0:5]
AK37, AT37, AN1, AR2, AN25, AK1
O
GVDD
MEMC_MCK[0:5]
AL37, AT36, AP2, AT2, AN24, AL1
O
GVDD
MDIC[0:1]
AH6, AP30
I/O
GVDD
11
PCI
PCI_INTA/
IRQ_OUT/
CE_PF[5]
A20
I/O
LVDD22
PCI_RESET_OUT/
CE_PF[6]
E19
I/O
LVDD2
PCI_AD[31:30]/
CE_PG[31:30]
D20, D21
I/O
LVDD2
PCI_AD[29:25]/
CE_PG[29:25]
A24, B23, C23, E23, A26
I/O
OVDD
PCI_AD[24]/
CE_PG[24]
B21
I/O
LVDD2
PCI_AD[23:0]/
CE_PG[23:0]
C24, C25, D25, B25, E24, F24, A27, A28, F27, A30, C30,
D30, E29, B31, C31, D31, D32, A32, C33, B33, F30, E31,
A34, D33
I/O
OVDD
PCI_C/
BE[3:0]/
CE_PF[10:7]
E22, B26, E28, F28
I/O
OVDD
PCI_PAR/
CE_PF[11]
D28
I/O
OVDD
PCI_FRAME/
CE_PF[12]
D26
I/O
OVDD
5
PCI_TRDY/
CE_PF[13]
C27
I/O
OVDD
5
PCI_IRDY/
CE_PF[14]
C28
I/O
OVDD
5
PCI_STOP/
CE_PF[15]
B28
I/O
OVDD
5
PCI_DEVSEL/
CE_PF[16]
E26
I/O
OVDD
5
PCI_IDSEL/
CE_PF[17]
F22
I/O
OVDD
PCI_SERR/
CE_PF[18]
B29
I/O
OVDD
5
PCI_PERR/
CE_PF[19]
A29
I/O
OVDD
5
PCI_REQ[0]/
CE_PF[20]
F19
I/O
LVDD2
Table 67. MPC8358E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com