Electronic Components Datasheet Search
  English  ▼

X  

INA154 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA154
Description  High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA154 Datasheet(HTML) 4 Page - Texas Instruments

  INA154 Datasheet HTML 1Page - Texas Instruments INA154 Datasheet HTML 2Page - Texas Instruments INA154 Datasheet HTML 3Page - Texas Instruments INA154 Datasheet HTML 4Page - Texas Instruments INA154 Datasheet HTML 5Page - Texas Instruments INA154 Datasheet HTML 6Page - Texas Instruments INA154 Datasheet HTML 7Page - Texas Instruments INA154 Datasheet HTML 8Page - Texas Instruments INA154 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
®
INA154
TYPICAL PERFORMANCE CURVES
At TA = +25°C and VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
10
0
–10
–20
–30
COMMON-MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
100
80
60
40
20
0
POWER SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
120
100
80
60
40
20
0
–PSRR
+PSRR
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
40
30
20
10
0
INPUT COMMON-MODE VOLTAGE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–20
–15
–10
–5
0
5
10
15
20
40
30
20
10
0
–10
–20
–30
–40
–50
V
REF = 0V
R
L = 2kΩ
V
S = ±15V
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
1
0.1
0.010
0.001
0.0001
V
O = 10Vrms
R
L = 600Ω
R
L = 100kΩ
R
L = 2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com