Electronic Components Datasheet Search
  English  ▼

X  

INA154 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA154
Description  High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA154 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA154 Datasheet HTML 5Page - Texas Instruments INA154 Datasheet HTML 6Page - Texas Instruments INA154 Datasheet HTML 7Page - Texas Instruments INA154 Datasheet HTML 8Page - Texas Instruments INA154 Datasheet HTML 9Page - Texas Instruments INA154 Datasheet HTML 10Page - Texas Instruments INA154 Datasheet HTML 11Page - Texas Instruments INA154 Datasheet HTML 12Page - Texas Instruments INA154 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
®
INA154
FIGURE 7. Precision Voltage-to-Current Conversion.
The difference amplifier is a highly versatile building
block that is useful in a wide variety of applications. See
the INA105 data sheet for additional applications ideas,
including:
• Current Receiver with Compliance to Rails
• Precision Unity-Gain Inverting Amplifier
•
±10V Precision Voltage Reference
•
±5V Precision Voltage Reference
• Precision Unity-Gain Buffer
• Precision Average Value Amplifier
• Precision G = 2 Amplifier (see INA157)
• Precision G = 1/2 Amplifier (see INA157)
• Precision Bipolar Offsetting
• Precision Summing Amplifier with Gain
• Instrumentation Amplifier Guard Drive Generator
• Precision Summing Instrumentation Amplifier
• Precision Absolute Value Buffer
• Precision Voltage-to-Current Converter with Differential
Inputs
• Differential Input Voltage-to-Current Converter for Low
IOUT
• Isolating Current Source
• Differential Output Difference Amplifier
• Isolating Current Source with Buffering Amplifier for
Greater Accuracy
• Window Comparator with Window Span and Window
Center Inputs
• Precision Voltage-Controlled Current Source with Buff-
ered Differential Inputs and Gain
• Digitally Controlled Gain of
±1 Amplifier
5
7
6
3
V
3
INA154
2
4
V
2
1
4
2
+15V
OPA227
REF102
6
10V
I
O = 4 to 20mA
0V to 10V
In
12.5k
Ω
1k
Ω
50k
Ω
R
LOAD
V+
Set R
1 = R2
R2
50.1
Ω
R
1
50.1
Ω
2N3904
25k
Ω
25k
Ω
25k
Ω
25k
Ω
For 4-20mA applications,
the REF102 sets the 4mA
low-scale output for 0V input.
I
O = V3 – V2
+
1
40k
Ω
1
R
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com