Electronic Components Datasheet Search
  English  ▼

X  

LTC4223CDHD-2 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4223CDHD-2
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223CDHD-2 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4223CDHD-2 Datasheet HTML 16Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 17Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 18Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 19Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 20Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 21Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 22Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 23Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC4223-1/LTC4223-2
20
422312f
TYPICAL APPLICATION
CL1
1000
μF
5V
5V
R4
10k
5V
R5
10k
12V
10A
5VAUX
150mA
12VOUT
12VSENSE 12VGATE
12VIN
VCC
AUXIN
AUXOUT
12IMON
FAULT
AUXON
12ON
EN
AUXPGOOD
12PGOOD
RS
4m
Ω
Q1
Si7336ADP
12V
5V
BACKPLANE
CONNECTOR
CARD
CONNECTOR
TIMER
LTC4223-1
GND
R3
10
Ω
R2
51
Ω
C2
330nF
CT
0.1
μF
RG
47
Ω
CG
15nF
PWRFLT
R6
10k
R7
2.7
Ω
C3
100nF
R8
10k
BD_SEL
GND
PWREN
R1
10
Ω
Z1
SMAJ13A
422312 TA02
TO SYSTEM
CONTROLLER
CS
1
μF
C1
100nF
LTC1197
VCC
CLK
DOUT
+IN
–IN
VREF
GND
Z2
SMAJ7.0A
+
CL2
150
μF
+
Card Resident Application with 5V Auxiliary Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com