Electronic Components Datasheet Search
  English  ▼

X  

LTC4223CDHD-2 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4223CDHD-2
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223CDHD-2 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4223CDHD-2 Datasheet HTML 16Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 17Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 18Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 19Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 20Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 21Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 22Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 23Page - Linear Technology LTC4223CDHD-2 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4223-1/LTC4223-2
24
422312f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0807 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Dual Channel, Hot Swap Controller
Operates from 3V to 12V, Supports –12V, SSOP-24
LTC1645
Dual Channel, Hot Swap Controller
Operates from 3V to 12V, Power Sequencing, SO-8 or SO14
LTC1647-1/LTC1647-2/
LTC1647-3
Dual Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, SO-8 or SSOP-16
LTC4210
Single Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4211
Single Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, Multifunction Current Control, MSOP-8 or MSOP-10
LTC4215
Single Channel, Hot Swap Controller
Operates from 2.9V to 15V, I2C Compatible Monitoring, SSOP-16 or QFN-24
(4mm × 5mm)
LTC4216
Single Channel, Hot Swap Controller
Operates from 0V to 6V, MSOP-10 or DFN-12 (4mm × 3mm)
LTC4221
Dual Channel, Hot Swap Controller
Operates from 1V to 13.5V, Multifunction Current Control, SSOP-16
LTC4245
Multiple Channel, Hot Swap Controller
3.3V, 5V, ±12V Supplies, I2C Compatible Monitoring, SSOP-36 or QFN-38
(5mm × 7mm)
LTC4252-1/LTC4252-2/
LTC4252A-1/
LTC4252A-2
–48V Hot Swap Controller
Fast Active Current Limiting with Drain Accelerated Response, Supplies from –15V,
MSOP-8 or MSOP-10
CL1
1000
μF
3..3V
R4
10k
3.3V
R5
10k
12V
18A
3.3VAUX
150mA
R6
10k
12VOUT
12VSENSE 12VGATE
12VIN
VCC
AUXIN
AUXOUT
12IMON
AUXON
12ON
EN
AUXPGOOD
12PGOOD
FAULT
RS
2.5m
Q1
HAT2160H
12V
3.3V
BACKPLANE
CONNECTOR
CARD
CONNECTOR
TIMER
LTC4223-1
GND
R3
10
Ω
R2
51
Ω
C2
330nF
CT
0.1
μF
RG
47
Ω
CG
15nF
R7
2.7
Ω
C3
100nF
R8
10k
BD_SEL
R9
10k
R1
10
Ω
Z1
SMAJ13A
422312 TA04
TO
CONTROLLER
CS
1
μF
C1
100nF
LTC1197L
VCC
CLK
DOUT
+IN
–IN
VREF
GND
Z2
SMAJ5.0A
+
CL2
150
μF
+
12V/18A Card Resident Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com