Electronic Components Datasheet Search
  English  ▼

X  

FS6400 Datasheet(PDF) 5 Page - Synology Inc.

Part # FS6400
Description  FlashStation FS6400
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS6400 Datasheet(HTML) 5 Page - Synology Inc.

  FS6400 Datasheet HTML 1Page - Synology Inc. FS6400 Datasheet HTML 2Page - Synology Inc. FS6400 Datasheet HTML 3Page - Synology Inc. FS6400 Datasheet HTML 4Page - Synology Inc. FS6400 Datasheet HTML 5Page - Synology Inc. FS6400 Datasheet HTML 6Page - Synology Inc. FS6400 Datasheet HTML 7Page - Synology Inc. FS6400 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATASHEET | FlashStation FS6400
1
Power button and indicator
2
Beep off button
3
Drive tray
4
Drive status indicator
5
PSU fan
6
Power port
7
PSU indicator
8
Console port
9
Reset button
10 1GbE RJ-45 port
11 10GbE RJ-45 (10GBASE-T) port
12 USB 3.0 port
13 PCIe expansion slot
14 Expansion port
Front
Rear
Technical Specifications
Hardware
CPU
2 x Intel® Xeon® Silver 4110 8-core 2.1GHz, Turbo Boost up to 3.0GHz
Hardware encryption engine
Yes (AES-NI)
Memory
• 32 GB DDR4 ECC RDIMM (16 GB x 2)
• Expandable up to 512 GB (32 GB x 16)
Compatible drive type
24 x 2.5" SAS SSD/HDD or SATA SSD (drives not included)
Hot swappable drive
Yes
External port
• 2 x USB 3.0 port
• 1 x Expansion port
Size (HxWxD)
• 88 x 430.5 x 692 mm
• 88 x 482 x 724 mm (with server ears)
Weight
17.26 kg
LAN
• 2 x 10GbE RJ-45 (10GBASE-T)
• 2 x 1GbE RJ-45
Wake on LAN/WAN
Yes
PCIe 3.0 slot
• 2 x 8-lane x8 slot
• High-performance network interface card support
Scheduled power on/off
Yes
System fan
4 (80 x 80 x 32 mm)
AC input power voltage
100V to 240V AC
Power frequency
47 to 63Hz, single phase
Operating temperature
0°C to 35°C (32°F to 95°F)
Storage temperature
-20°C to 60°C (-5°F to 140°F)
Relative humidity
5% to 95% RH
Maximum operating altitude
5,000 m (16,400 ft)
1
3
4
2
Hardware Overview
5
7
6
8
9
11
10
12
13
14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com