Electronic Components Datasheet Search
  English  ▼

X  

FS6400 Datasheet(PDF) 7 Page - Synology Inc.

Part # FS6400
Description  FlashStation FS6400
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS6400 Datasheet(HTML) 7 Page - Synology Inc.

  FS6400 Datasheet HTML 1Page - Synology Inc. FS6400 Datasheet HTML 2Page - Synology Inc. FS6400 Datasheet HTML 3Page - Synology Inc. FS6400 Datasheet HTML 4Page - Synology Inc. FS6400 Datasheet HTML 5Page - Synology Inc. FS6400 Datasheet HTML 6Page - Synology Inc. FS6400 Datasheet HTML 7Page - Synology Inc. FS6400 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATASHEET | FlashStation FS6400
Active Backup for Business
All-in-one backup solution designed for heterogeneous business IT environment, enabling IT admins to remotely manage
and monitor protection over PC, servers and VM on one centralized console
Productivity & Collaboration
Collaboration tools
Collaborate with instant message service Synology Chat, online editor Synology Office, and scheduling assistant Synology
Calendar
• Chat maximum user: 6,000
• Office maximum user: 3,400
• Calendar: support CalDAV and access via mobile devices
Note Station
Rich-text note organization and versioning, encryption, sharing, media embedding and attachments
Synology MailPlus Server
Secure, reliable, and private mail solution with high-availability, load balancing, security and filtering design (includes 5 free
email account licenses; additional accounts require the purchasing of additional licenses)
Synology MailPlus
Intuitive webmail interface for Synology MailPlus Server, customizable mail labels, filters, and user interface
Surveillance
Surveillance Station
Maximum IP camera: 150 (total of 4,500 FPS at 720p, H.264) (Including two free camera licenses; additional cameras require
the purchasing of additional licenses)
All-in-One Server
Synology Directory Server
Provide a flexible and cost-effective domain controller solution
Central Management System
Provide a single interface to manage and monitor multiple Synology NAS
VPN Server
Maximum connection: 40, supported VPN protocol: PPTP, OpenVPN™, L2TP/IPSec
Mail Server
Supported Mail Server Protocols: POP3, SMTP, IMAP, Support LDAP/AD account
Mail Station
Webmail interface for Mail Server to receive emails from multiple POP3 mailboxes, customizable SMTP server
Web Station
Virtual host (up to 30 websites), PHP/MariaDB®, third-party applications support
Other packages
DNS Server, RADIUS Server, Log Center
Others
Storage Analyzer
Volume and quota usage, total size of files, volume usage and trends based on past usage, size of shared folders, large files,
most recently modified files, least recently accessed files
Antivirus Essential
Full system scan, scheduled scan, white list customization, virus definition auto update
Security Advisor
Malware detection/removal, user account/password, network, system-related security scan
Other packages
Additional 3rd-party packages available on Package Center
Environment and Packaging
Environment safety
RoHS compliant
Package content
• FS6400 main unit x 1
• Quick Installation Guide x 1
• Accessory pack x 1
• AC power cord x 2
Optional accessories
• 16GB/32GB DDR4-2666 ECC RDIMM (D4RD-2666-16G/D4RD-2666-32G)
• Synology E10G17-F2/E10G18-T1/E10G18-T2 10Gbps Ethernet adapters
• Synology expansion unit RX1217sas/RX2417sas
• Synology VisualStation VS360HD/VS960HD
• Synology RKS1317-Rail Kit Sliding
• Synology MailPlus License Pack
• Surveillance Device License Pack
• Virtual DSM License Pack
Warranty
5 years6
*Model specifications are subject to change without notice. Please refer to www.synology.com for the latest information.
1. Performance figures may vary depending on environment, usage, and configuration.
2. FS6400 can scale up to 48 drives with 2 x RX1217sas, or 72 drives with 2 x RX2417sas, sold separately.
3. exFAT Access can be purchased separately in Package Center.
4. System snapshot includes snapshots taken by iSCSI Manager, Snapshot Replication, and Virtual Machine Manager. Availability of these packages varies by
model.
5. Presto File Server License can be purchased separately in Package Center.
6. The warranty period starts from the purchase date as stated on your purchase receipt. Visit https://www.synology.com/company/legal/warranty for more
information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com