Electronic Components Datasheet Search
  English  ▼

X  

FS6400 Datasheet(PDF) 6 Page - Synology Inc.

Part # FS6400
Description  FlashStation FS6400
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS6400 Datasheet(HTML) 6 Page - Synology Inc.

  FS6400 Datasheet HTML 1Page - Synology Inc. FS6400 Datasheet HTML 2Page - Synology Inc. FS6400 Datasheet HTML 3Page - Synology Inc. FS6400 Datasheet HTML 4Page - Synology Inc. FS6400 Datasheet HTML 5Page - Synology Inc. FS6400 Datasheet HTML 6Page - Synology Inc. FS6400 Datasheet HTML 7Page - Synology Inc. FS6400 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DATASHEET | FlashStation FS6400
General DSM specification
Networking protocol
SMB, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN ™ , L2TP)
File system
• Internal: Btrfs, ext4
• External: Btrfs, ext4, ext3, FAT, NTFS, HFS+, exFAT3
Supported RAID type
Basic, JBOD, RAID 0, RAID 1, RAID 5, RAID 6, RAID 10, Synology RAID F1
Storage management
• Maximum single volume size: 200TB (for RAID 5 or RAID 6 groups only)
• Maximum system snapshots: 65,5364
• Maximum internal volume: 256
SSD cache
Read/write cache support
File sharing capability
• Maximum local user account: 16,000
• Maximum local group: 512
• Maximum shared folder: 512
• Maximum concurrent SMB/NFS/AFP/FTP connection: 8,000
Privilege
Windows Access Control List (ACL), application privilege
Directory service
Windows® AD integration: Domain users login via SMB/NFS/AFP/FTP/File Station, LDAP integration
Virtualization
VMware vSphere® 6.5, Microsoft Hyper-V® , Citrix®, OpenStack®
Security
Firewall, encryption shared folder, SMB encryption, FTP over SSL/TLS, SFTP, rsync over SSH, login auto block, Let's Encrypt
support, HTTPS (customizable cipher suite)
Supported client
Windows 7 onwards, Mac OS X® 10.11 onwards
Supported browser
Chrome®, Firefox®, Edge®, Internet Explorer® 10 onwards, Safari® 10 onwards; Safari (iOS 10 onwards), Chrome (Android™ 6.0
onwards) on tablets
Interface Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
ภาษาไทย,
Packages and Applications
File Server & Synchronization
Synology Drive
Provide a universal portal to synchronize your files across various platforms, including Windows, macOS, Linux, Android and
iOS. The built-in universal portal allows you to access data anytime and anywhere.
• Maximum number of hosted files: 5,000,000
• Maximum number of concurrent connections for PC clients: 2,000
File Station
Virtual drives, remote folders, Windows ACL editor, compressing/extracting archived files, bandwidth control for specific
users/groups, creating sharing links, transfer logs
FTP Server
Bandwidth control for TCP connections, custom FTP passive port range, anonymous FTP, FTP SSL/TLS and SFTP protocol,
boot over the network with TFTP and PXE support, transfer logs
Presto File Server5
High-speed data transfer over WAN with exclusive SITA technology between Synology NAS and desktop
Cloud Sync
One or two-way synchronization with public cloud storage providers including Alibaba Cloud OSS, Amazon Drive, Amazon
S3-compatible storage, Backblaze B2, Baidu Cloud, Box, Dropbox, Google Cloud Storage, Google Drive, hubiC, MegaDisk,
Microsoft OneDrive, OpenStack Swift-compatible storage, Tencent COS, WebDAV servers, Yandex Disk
Universal Search
Offer global search for applications and files
iSCSI Storage & Virtualization
iSCSI Manager
• Maximum iSCSI target: 256
• Maximum iSCSI LUN: 512
• iSCSI LUN clone/snapshot support
Virtual Machine Manager
Deploy and run various virtual machines on Synology NAS, including Windows, Linux, or Virtual DSM
Data Protection & Backup Solution
Hyper Backup
Support local backup, network backup, and backup data to public clouds
Backup tools
DSM configuration backup, macOS Time Machine support, Synology Drive Client desktop application
Shared folder sync - maximum task number: 32
Snapshot Replication
• Maximum of shared folder snapshots: 1,024
• Maximum of Replication: 64
Synology High Availability
Reduce service downtime by setting up two identical NAS into one high-availability cluster
Active Backup for G Suite
Support G Suite, My Drive and Team Drive backup and restoration
Active Backup for Microsoft 365 Support Microsoft 365 OneDrive for Business, mail, contacts, and calendar backup and restoration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com