Electronic Components Datasheet Search
  English  ▼

X  

ADC14DS080 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC14DS080
Description  ADC14DS080 Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14DS080 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC14DS080 Datasheet HTML 19Page - Texas Instruments ADC14DS080 Datasheet HTML 20Page - Texas Instruments ADC14DS080 Datasheet HTML 21Page - Texas Instruments ADC14DS080 Datasheet HTML 22Page - Texas Instruments ADC14DS080 Datasheet HTML 23Page - Texas Instruments ADC14DS080 Datasheet HTML 24Page - Texas Instruments ADC14DS080 Datasheet HTML 25Page - Texas Instruments ADC14DS080 Datasheet HTML 26Page - Texas Instruments ADC14DS080 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ADC14DS080
www.ti.com
SNAS428B – SEPTEMBER 2007 – REVISED APRIL 2013
Clock Input
The CLK controls the timing of the sampling process. To achieve the optimum noise performance, the clock input
should be driven with a stable, low jitter clock signal in the range indicated in the Electrical Table. The clock input
signal should also have a short transition region. This can be achieved by passing a low-jitter sinusoidal clock
source through a high speed buffer gate. The trace carrying the clock signal should be as short as possible and
should not cross any other signal line, analog or digital, not even at 90°.
The clock signal also drives an internal state machine. If the clock is interrupted, or its frequency is too low, the
charge on the internal capacitors can dissipate to the point where the accuracy of the output data will degrade.
This is what limits the minimum sample rate.
The clock line should be terminated at its source in the characteristic impedance of that line. Take care to
maintain a constant clock line impedance throughout the length of the line. Refer to Application Note AN-905
(SNLA035) for information on setting characteristic impedance.
It is highly desirable that the the source driving the ADC clock pins only drive that pin. However, if that source is
used to drive other devices, then each driven pin should be AC terminated with a series RC to ground, such that
the resistor value is equal to the characteristic impedance of the clock line and the capacitor value is
(7)
where tPD is the signal propagation rate down the clock line, "L" is the line length and ZO is the characteristic
impedance of the clock line. This termination should be as close as possible to the ADC clock pin but beyond it
as seen from the clock source. Typical tPD is about 150 ps/inch (60 ps/cm) on FR-4 board material. The units of
"L" and tPD should be the same (inches or centimeters).
The duty cycle of the clock signal can affect the performance of the A/D Converter. Because achieving a precise
duty cycle is difficult, the ADC14DS080 has a Duty Cycle Stabilizer.
Power-Down (PD_A and PD_B)
The PD_A and PD_B pins, when high, hold the respective channel of the ADC14DS080 in a power-down mode
to conserve power when that channel is not being used. The channels may be powereed down individually or
together. The data in the pipeline is corrupted while in the power down mode.
The Power Down Mode Exit Cycle time is determined by the value of the components on the reference bypass
pins ( VRP, VCMO and VRN ). These capacitors loose their charge in the Power Down mode and must be
recharged by on-chip circuitry before conversions can be accurate. Smaller capacitor values allow slightly faster
recovery from the power down mode, but can result in a reduction in SNR, SINAD and ENOB performance.
NOTE
This signal has no effect when SPI_EN is high and the serial control interface is enabled.
Reset_DLL
This pin is normally low. If the input clock frequency is changed abruptly, the internal timing circuits may become
unlocked. Cycle this pin high for 1 microsecond to re-lock the DLL. The DLL will lock in several microseconds
after Reset_DLL is asserted.
DLC
This pin sets the output data configuration. With this signal at logic-1, all data is sourced on a single lane
(SD1_x) for each channel. When this signal is at logic-0, the data is sourced on dual lanes (SD0_x and SD1_x)
for each channel. This simplifies data capture at higher data rates.
NOTE
This signal has no effect when SPI_EN is high and the SPI interface is enabled.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC14DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com