Electronic Components Datasheet Search
  English  ▼

X  

ADC14DS080 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC14DS080
Description  ADC14DS080 Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14DS080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC14DS080 Datasheet HTML 5Page - Texas Instruments ADC14DS080 Datasheet HTML 6Page - Texas Instruments ADC14DS080 Datasheet HTML 7Page - Texas Instruments ADC14DS080 Datasheet HTML 8Page - Texas Instruments ADC14DS080 Datasheet HTML 9Page - Texas Instruments ADC14DS080 Datasheet HTML 10Page - Texas Instruments ADC14DS080 Datasheet HTML 11Page - Texas Instruments ADC14DS080 Datasheet HTML 12Page - Texas Instruments ADC14DS080 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC14DS080
www.ti.com
SNAS428B – SEPTEMBER 2007 – REVISED APRIL 2013
Dynamic Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VDR = +3.0V, Internal VREF =
+1.2V, fCLK = 80 MHz, VCM = VCMO, CL = 5 pF/pin, . Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤
TMAX. All other limits apply for TA = 25°C
(1) (2)
Typical
Units
Symbol
Parameter
Conditions
Limits
(3)
(Limits) (4)
IMD
Intermodulation Distortion
fIN = 20 MHz and 21 MHz, each -7 dBFS
-84
dBFS
Logic and Power Supply Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VDR = +3.0V, Internal VREF =
+1.2V, fCLK = 80 MHz, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤
TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Symbol
Parameter
Conditions
Typical (3)
Limits
(Limits)
DIGITAL INPUT CHARACTERISTICS (CLK, PD_A,PD_B,SCSb,SPI_EN,SCLK,SDI,TEST,WAM,DLC)
VIN(1)
Logical “1” Input Voltage
VA = 3.6V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VA = 3.0V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = 3.3V
10
µA
IIN(0)
Logical “0” Input Current
VIN = 0V
−10
µA
CIN
Digital Input Capacitance
5
pF
DIGITAL OUTPUT CHARACTERISTICS (ORA,ORB,SDO,DLL_Lock)
VOUT(1)
Logical “1” Output Voltage
IOUT = −0.5 mA
2.0
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA
0.4
V (max)
+ISC
Output Short Circuit Source Current
VOUT = 0V
−10
mA
−ISC
Output Short Circuit Sink Current
VOUT = VDR
10
mA
COUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
IA
Analog Supply Current
Full Operation
204
230
mA (max)
IDR
Digital Output Supply Current
Full Operation
62
70
mA
Power Consumption
800
900
mW (max)
Power Down Power Consumption
30
mW
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Absolute Maximum Ratings, Note 4. However, errors in the A/D conversion can occur if the input goes above 2.6V
or below GND as described in the Operating Ratings section.
(2)
With a full scale differential input of 2VP-P , the 14-bit LSB is 122.1 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC14DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com