Electronic Components Datasheet Search
  English  ▼

X  

HM221 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM221
Description  SHIELDED POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM221 Datasheet(HTML) 1 Page - TT Electronics.

  HM221 Datasheet HTML 1Page - TT Electronics. HM221 Datasheet HTML 2Page - TT Electronics. HM221 Datasheet HTML 3Page - TT Electronics. HM221 Datasheet HTML 4Page - TT Electronics. HM221 Datasheet HTML 5Page - TT Electronics. HM221 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SHIELDED POWER INDUCTOR
HM221 Series
© TT electronics plc
Issue A
11/2022 Page 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api, 25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph: +60 9 565 8888
https://www.ttelectronics.com/contact-us/
Description:
This series has a wide range of inductances with 2 package sizes (3.2x3.2mm and 4.2x4.2mm). The part is low profile (height
1.5 and 1.8mm). It is shielded and offers excellent current handling with low DC resistance. The HM221 series is magnetic
shielding allow high density mounting applications.
Applications:
•
Low profile buck DC-DC converters
•
Low profile POL converters
•
Power inductance for electronic breakers
•
Output power filter for forward converters
•
Industrial DC-DC converters
•
Industrial EMI filter Sensor applications
•
Heating and ventilation
Features:
•
Operating temperature range -40°C to +125°C
•
Max inductance value - Case 3015 is 100uH
- Case 4018 is 680uH
•
RoHS compliant
•
Magnetically shielded
•
Low profile from H max 1.5mm and 1.8mm depend on the case size


Similar Part No. - HM221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM220 ETC2-HM220 Datasheet
403Kb / 1P
HM 220 type platinum sensors are characterised by long-term stability
logo
Shenzhen Huazhimei Semi...
HM2204D HMSEMI-HM2204D Datasheet
489Kb / 10P
14V Step-up DC/DC Converter
logo
TT Electronics.
HM222 TTELEC-HM222 Datasheet
329Kb / 5P
Planar Transformer
05/2023
logo
Hi-Sincerity Mocroelect...
HM2222A HSMC-HM2222A Datasheet
38Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM223 HMSEMI-HM223 Datasheet
550Kb / 5P
single-button touch and proximity sensor switch
More results

Similar Description - HM221

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com