Electronic Components Datasheet Search
  English  ▼

X  

HM221 Datasheet(PDF) 3 Page - TT Electronics.

Part # HM221
Description  SHIELDED POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM221 Datasheet(HTML) 3 Page - TT Electronics.

  HM221 Datasheet HTML 1Page - TT Electronics. HM221 Datasheet HTML 2Page - TT Electronics. HM221 Datasheet HTML 3Page - TT Electronics. HM221 Datasheet HTML 4Page - TT Electronics. HM221 Datasheet HTML 5Page - TT Electronics. HM221 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SHIELDED POWER INDUCTOR
HM221 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
11/2022 Page 3
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api, 25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph: +60 9 565 8888
https://www.ttelectronics.com/contact-us/
Electrical Specifications
Part Number
Inductance
(µH±30%)
DCR (mΩ) Max
Isat (A)2
Max
Irms (A)3
Max
HM221-40181R0LFTR
1.0
40
3.20
2.70
HM221-40181R5LFTR
1.5
50
2.50
2.30
HM221-40182R2LFTR
2.2
70
2.40
2.20
HM221-40183R3LFTR
3.3
80
2.00
2.00
HM221-40184R7LFTR
4.7
125
1.50
1.50
HM221-40185R6LFTR
5.6
135
1.20
1.40
HM221-40186R8LFTR
6.8
150
1.10
1.30
HM221-4018100LFTR
10
200
1.00
1.10
HM221-4018150LFTR
15
280
0.70
0.90
HM221-4018180LFTR
18
300
0.60
0.70
HM221-4018220LFTR
22
360
0.50
0.60
HM221-4018330LFTR
33
460
0.45
0.65
HM221-4018470LFTR
47
750
0.40
0.55
HM221-4018680LFTR
68
1070
0.35
0.45
HM221-4018820LFTR
82
1220
0.32
0.40
HM221-4018101LFTR
100
1640
0.30
0.35
HM221-4018121LFTR
120
1880
0.25
0.30
HM221-4018151LFTR
150
2450
0.20
0.25
HM221-4018181LFTR
180
3000
0.18
0.22
HM221-4018221LFTR
220
4200
0.16
0.20
HM221-4018331LFTR
330
5900
0.14
0.18
HM221-4018471LFTR
470
7100
0.12
0.16
HM221-4018561LFTR
560
10000
0.11
0.14
HM221-4018681LFTR
680
11500
0.10
0.12
Note: 1) Inductance is measured at 100kHz , 0.1V.
2) Isat is the saturation current at which inductance rolls off 30% Max from its
initial (zero DC).
3) Irms is the approximate current at which ΔT = 40°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com