Electronic Components Datasheet Search
  English  ▼

X  

HM221 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM221
Description  SHIELDED POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM221 Datasheet(HTML) 2 Page - TT Electronics.

  HM221 Datasheet HTML 1Page - TT Electronics. HM221 Datasheet HTML 2Page - TT Electronics. HM221 Datasheet HTML 3Page - TT Electronics. HM221 Datasheet HTML 4Page - TT Electronics. HM221 Datasheet HTML 5Page - TT Electronics. HM221 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SHIELDED POWER INDUCTOR
HM221 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
11/2022 Page 2
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api, 25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph: +60 9 565 8888
https://www.ttelectronics.com/contact-us/
Electrical Specifications
Part Number
Inductance
(µH±30%)
DCR (mΩ) Max
Isat (A)2
Max
Irms (A)3
Max
HM221-30151R0LFTR
1.0
75
2.00
2.00
HM221-30151R5LFTR
1.5
100
1.80
1.70
HM221-30151R8LFTR
1.8
100
1.50
1.40
HM221-30152R1LFTR
2.1
110
1.50
1.40
HM221-30152R2LFTR
2.2
110
1.50
1.40
HM221-30153R3LFTR
3.3
130
1.30
1.40
HM221-30154R7LFTR
4.7
200
1.10
1.20
HM221-30156R8LFTR
6.8
300
0.91
0.90
HM221-3015100LFTR
10
440
0.65
0.75
HM221-3015150LFTR
15
700
0.55
0.59
HM221-3015180LFTR
18
750
0.53
0.58
HM221-3015220LFTR
22
825
0.49
0.57
HM221-3015330LFTR
33
1300
0.42
0.48
HM221-3015470LFTR
47
1550
0.32
0.40
HM221-3015680LFTR
68
2250
0.28
0.33
HM221-3015101LFTR
100
3400
0.23
0.26



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com