Electronic Components Datasheet Search
  English  ▼

X  

CCM03 Datasheet(PDF) 5 Page - ITT Industries

Part # CCM03
Description  CCM03 MK II
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM03 Datasheet(HTML) 5 Page - ITT Industries

  CCM03 Datasheet HTML 1Page - ITT Industries CCM03 Datasheet HTML 2Page - ITT Industries CCM03 Datasheet HTML 3Page - ITT Industries CCM03 Datasheet HTML 4Page - ITT Industries CCM03 Datasheet HTML 5Page - ITT Industries CCM03 Datasheet HTML 6Page - ITT Industries CCM03 Datasheet HTML 7Page - ITT Industries CCM03 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
23
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
Dimensional Drawings
A
A
B
B
(REF.)
3,45
21,55
ø1,4
+0,05
0
0,15 min
ø1,6
1,4+0,05
0
30˚0'
0,8
2,65
12,1
2,3
40˚0'
(REF.)
25,5
0,75
25,5
±0,2
2,5
10,16
3,81
3,81
12,75
25,5
(REF.)
25,5
(REF.)
9,75
12,9
Date Code area
Card stop
Mated condition
XX-XXX
Pick and place area
ø3,5
SEE DETAIL A
DETAIL A
PCB Layout
Unless otherwise stated, tolerances are ± 0,10 mm
Fixed cover CCM03 - 3504 (8 contacts)
CCM03 - 3505
CCM03 - 3504
Note: Coplanarity of soldering surfaces: ± 0,05 mm
CCM03 MK II Fixed Cover
2,5
5,5
5,5
25,5
3,81
3,81
ø
2x
1,4
+0,05
0
6,35
1,5
23,2
1,5
1,44
Contact location according to
ENV1375-1 & GSM11-11
C1
C5
Contact foot area
0,8 x 1
C2
C3
C4
C6
C7
C8
(Component side)
Plastic outline
Pad
Prohibited area
2,5
5,5
5,5
3,81
3,81
25,5
ø
2x
1,4
+0,05
0
6,35
1,5
23,2
1,5
1,44
ENV1375-1 & GSM11-11
C1
C5
Contact foot area
0,8 x 1
C2
C3
C6
C7
(Component side)
Plastic outline
Pad
Prohibited area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com