Electronic Components Datasheet Search
  English  ▼

X  

CCM03 Datasheet(PDF) 1 Page - ITT Industries

Part # CCM03
Description  CCM03 MK II
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM03 Datasheet(HTML) 1 Page - ITT Industries

  CCM03 Datasheet HTML 1Page - ITT Industries CCM03 Datasheet HTML 2Page - ITT Industries CCM03 Datasheet HTML 3Page - ITT Industries CCM03 Datasheet HTML 4Page - ITT Industries CCM03 Datasheet HTML 5Page - ITT Industries CCM03 Datasheet HTML 6Page - ITT Industries CCM03 Datasheet HTML 7Page - ITT Industries CCM03 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
Contacts
Copper alloy
Plating
Contact area : Gold alloy inlay or gold over nickel
Terminals : Tin lead (2µ min)
Moldings
High temp. thermoplastic UL 94V-0 rated
Slide lock/metal cover
Stainless steel
Number of Contacts
6 or 8
Mechanical life, hinged cover
10,000 cycles min
Mechanical life, fixed cover
50,000 cycles
Card insertion force
Hinged cover: 1 N max
Fixed cover: 3 N max
Card extraction force
Hinged cover: 1 N max
Fixed cover: 0.80 N min / 3 N max
Contact force
0.25 N min / 0.50 N max
Slide locking force
2 N min / 6 N max
Vibration
Frequency 10 to 500 Hz. Acceleration 50m/s2
Duration 6 hours - amplitude 0,35 mm
Max electrical discontinuity 1µs
Shock
Peak value 500 m/s2 – Duration 11 ms
3 shocks in each direction of each axis
Max electrical discontinuity 1 µs
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Card detection switch
Normally open
Contact resistance
100 m
Ω max
Dielectric strength
250 Vrms min
Current rating
1 mA min / 10m A max
Maximum power
0.2 VA
Operating temperature
-40°C to +85°C
Soldering temperature
Temperature/time profile acc. to CECC00802
para. 6.1, Fig. 3 with peak temperature 250°C
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
Quantity per reel, see table next page.
19
CCM03 MK II
A new range of CCM03 connectors
have been developed to interface with
SIM/SAM cards as defined by GSM11-
11 and ENV1375-1. The connectors are
available with either hinged covers or
fixed covers and have been designed to
minimize the amount of space needed
for PCB mounting.
Features
Hinged Cover
• Available with 6 or 8 contacts, with or
without PCB locating pegs.
• Available with insulated card presence
switch.
• The cover springs open when
unlocked while the card is in place.
• The molding is polarized so that the
cover can only be closed if the card is
correctly inserted.
• The cover can be replaced without
removing the connector from the PCB.
• Inspection slots allow an electrical test
to be made without opening the cover.
• The overall height of the connector is
only 2,5 mm. The amount of space
needed to mount the connector is just
29,65 mm x 17,2 mm.
Fixed Cover
• Available with 6 or 8 contacts.
• The overall height of the connector is
2,85 mm max. Only 25,5 mm x 17,2
mm of board space is required to
mount the connector.
General
• With tape and reel packaging as stan-
dard, the connectors are designed to
be automatically pick-and-placed.
• The high temperature thermoplastic
moldings are suited for infrared and
convection soldering processes.
• By using an inlay finish in the contact
area the life of the precious metal is
extended by over 10 times that of
standard gold plating.
• Robustly formed printed circuit tails
allow a co-planarity of ± 0,05 mm to
be maintained.
Construction
Mechanical Data
Contact Electrical Data
Switch Electrical Data
Environmental Data
Packaging


Similar Part No. - CCM03

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03 CK-COMPONENTS-CCM03 Datasheet
1Mb / 16P
CCM03 Series
CCM03-3001 CK-COMPONENTS-CCM03-3001 Datasheet
593Kb / 16P
CCM03 MK II
CCM03-3001LFT CK-COMPONENTS-CCM03-3001LFT Datasheet
1Mb / 16P
CCM03 Series
CCM03-3001LFT CK-COMPONENTS-CCM03-3001LFT Datasheet
1Mb / 15P
Compatible with pick and place and
CCM03-3001LFTR102 CK-COMPONENTS-CCM03-3001LFTR102 Datasheet
1Mb / 12P
CCM03 MK2 Series
2022
More results

Similar Description - CCM03

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM03-3517 ITT-CCM03-3517 Datasheet
673Kb / 8P
CCM03-3517
logo
Meder Electronic
MK01-BV800 MEDER-MK01-BV800 Datasheet
72Kb / 1P
MK Reed Sensor
MK02-1-1A66-2000W MEDER-MK02-1-1A66-2000W Datasheet
204Kb / 2P
MK Reed Sensor
MK02-4-1A85C-500W MEDER-MK02-4-1A85C-500W Datasheet
152Kb / 1P
MK Reed Sensor
logo
C&K Components
CCM03 CK-COMPONENTS-CCM03 Datasheet
1Mb / 16P
CCM03 Series
CCM03-3001 CK-COMPONENTS-CCM03-3001_13 Datasheet
593Kb / 16P
CCM03 MK II
logo
Tyco Electronics
1565543-1 MACOM-1565543-1 Datasheet
57Kb / 1P
12POSITIONS CAP HOUSING ASSEMBLY 040 MULTILOCK CONNECTOR MK-II VERTICAL TYPE
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2_V01 Datasheet
1Mb / 12P
CCM03 MK2 Series
2022
CCM03MK3 CK-COMPONENTS-CCM03MK3 Datasheet
324Kb / 4P
CCM03 MK3 Series
6 Feb 19
logo
RAYEX ELECTRONICS CO., ...
MK2N-DT RAYEX-MK2N-DT Datasheet
447Kb / 2P
MK SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com