Electronic Components Datasheet Search
  English  ▼

X  

CCM03 Datasheet(PDF) 8 Page - ITT Industries

Part # CCM03
Description  CCM03 MK II
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM03 Datasheet(HTML) 8 Page - ITT Industries

  CCM03 Datasheet HTML 1Page - ITT Industries CCM03 Datasheet HTML 2Page - ITT Industries CCM03 Datasheet HTML 3Page - ITT Industries CCM03 Datasheet HTML 4Page - ITT Industries CCM03 Datasheet HTML 5Page - ITT Industries CCM03 Datasheet HTML 6Page - ITT Industries CCM03 Datasheet HTML 7Page - ITT Industries CCM03 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
26
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
Dimensional Drawings
24,6
±0,2
11,8
11,8
0,5
5,1
4,4
3,2
4,4
0,95
29,65
1
(REF.)
24,6
2,8
LOCKED
Pick and place area
ø3,2
Date Code area
SEE DETAIL A
DETAIL A
Insulated blade switch
Plastic actuator
Blade switch
UNLOCKED
UNLOCKED
OPEN
Manual
opening
Card withdrawal
from the base
2
1
OPEN
OPEN
Card insertion
onto the base
1
2
Manual
closing
LOCKED
2
PCB Layout
24,6
2,5
5,5
5,5
5
22,1
1,5
1,5
3,81
3,81
7,24
1,7
Contact foot area 1 x 1
Prohibited area
(Component side)
C1
C5
C2
C3
SW
C6
C7
SW
Contact location according to
ENV1375-1 & GSM 11-11
Pad
Plastic outline
CARD WITHDRAWAL
CARD INSERTION
Unless otherwise stated, tolerances are ± 0,10 mm
Hinged Cover CCM03 - 3518 (6 contacts and switch)
CCM03 - 3518 (6 contacts and switch)
CCM03-3529 (without switch) layout is similar except SW pads
Note: Coplanarity of soldering surfaces: ± 0,05 mm
CCM03 MK II with Auto Lock cover



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com