Electronic Components Datasheet Search
  English  ▼

X  

BQ2002D Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2002D
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2002D Datasheet(HTML) 4 Page - Texas Instruments

  BQ2002D Datasheet HTML 1Page - Texas Instruments BQ2002D Datasheet HTML 2Page - Texas Instruments BQ2002D Datasheet HTML 3Page - Texas Instruments BQ2002D Datasheet HTML 4Page - Texas Instruments BQ2002D Datasheet HTML 5Page - Texas Instruments BQ2002D Datasheet HTML 6Page - Texas Instruments BQ2002D Datasheet HTML 7Page - Texas Instruments BQ2002D Datasheet HTML 8Page - Texas Instruments BQ2002D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Note: This resistor-divider network input impedance to
end-to-end should be at least 200k
Ω and less than 1 MΩ.
A ground-referenced negative temperature coefficient ther-
mistor placed in proximity to the battery may be used as a
low-cost temperature-to-voltage transducer. The tempera-
ture sense voltage input at TS is developed using a
resistor-thermistor network between VCC and VSS.
See
Figure 1.
Starting A Charge Cycle
Either of two events starts a charge cycle (see Figure 5):
1. Application of power to VCC or
2. Voltage at the BAT pin falling through the maximum
cell voltage where
VMCV =2V
±5%
If the battery is within the configured temperature and
voltage limits, the IC begins fast charge. The valid bat-
tery voltage range is VBAT <VMCV. The valid tempera-
ture range is VHTF <VTS <VLTF for the bq2002T and
VHTF <VTS for the bq2002D where
VLTF = 0.4
∗ VCC ±5%
VHTF = 0.25
∗ VCC ±5% (bq2002T only)
If the battery voltage or temperature is outside of these
limits, the IC pulse-trickle charges until the tempera-
ture falls within the allowed fast charge range or a new
charge cycle is started.
Fast charge continues until termination by one or more of
the four possible termination conditions:
n Rate of temperature rise
n Maximum voltage
n Maximum temperature
n Maximum time
T/ t Termination
The bq2002D/T samples at the voltage at the TS pin ev-
ery 19s and compares it to the value measured three
samples earlier.
If the voltage has fallen 25.6mV or
more, fast charge is terminated. The
∆T/∆t termination
test is valid only when VTCO <VTS <VLTF for the
bq2002T and VTCO <VTS for the bq2002D.
Temperature Sampling
A sample is taken by averaging together 16 measure-
ments taken 570
µs apart. The resulting sample period
(18.18ms) filters out harmonics around 55Hz. This tech-
4
bq2002D/T
OSC
TM
CC
LED
VCC
VSS
BAT
INH
Clock
Phase
Generator
Timing
Control
Sample
History
A to D
Converter
MCV
Check
Power
Down
TS
Bd2002TD.eps
Voltage
Reference
Power-On
Reset
TCO
Check
HTF/
LTF
Check
Charge-Control
State Machine
T/ t
ALU
Figure 4. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com