Electronic Components Datasheet Search
  English  ▼

X  

BQ2002D Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2002D
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2002D Datasheet(HTML) 5 Page - Texas Instruments

  BQ2002D Datasheet HTML 1Page - Texas Instruments BQ2002D Datasheet HTML 2Page - Texas Instruments BQ2002D Datasheet HTML 3Page - Texas Instruments BQ2002D Datasheet HTML 4Page - Texas Instruments BQ2002D Datasheet HTML 5Page - Texas Instruments BQ2002D Datasheet HTML 6Page - Texas Instruments BQ2002D Datasheet HTML 7Page - Texas Instruments BQ2002D Datasheet HTML 8Page - Texas Instruments BQ2002D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
nique minimizes the effect of any AC line ripple that
may feed through the power supply from either 50Hz or
60Hz AC sources. Tolerance on all timing is
±20%.
Maximum Voltage, Temperature, and Time
Any time the voltage on the BAT pin exceeds the maxi-
mum cell voltage, VMCV, fast charge or optional top-off
charge is terminated.
Maximum temperature termination occurs anytime the
voltage on the TS pin falls below the temperature cut-off
threshold VTCO where
VTCO = 0.225
∗ VCC ±5%
Maximum charge time is configured using the TM pin.
Time settings are available for corresponding charge
rates of C/4, 1C, and 2C. Maximum time-out termina-
tion is enforced on the fast-charge phase, then reset, and
5
bq2002D/T
Part No.
Corresponding
Fast-Charge Rate
TM
Typical Fast-Charge
and Top-Off
Time Limits
(minutes)
Top-Off
Rate
Pulse-
Trickle Rate
Pulse-
Trickle
Period (ms)
bq2002D
C/4
Mid
440
None
None
None
1C
Low
110
None
None
None
2C
High
55
None
None
None
bq2002T
C/4
Mid
320
C/64
C/256
18.3
1C
Low
80
C/16
C/256
73.1
2C
High
40
None
C/128
73.1
Notes:
Typical conditions = 25°C, VCC = 5.0V
Mid = 0.5 * VCC ±0.5V
Tolerance on all timing is
±20%
Table 1. Fast-Charge Safety Time/Top-Off Table
TD2002F1.eps
Fast Charging
VCC = 0
Fast Charging
CC Output
LED
s
s
Charge initiated by application of power
Charge initiated by battery replacement
Pulse-Trickle
Top-Off
(optional,
bq2002T only)
(optional,
bq2002T only)
286
See
Table 1
s
286
4576
Figure 5. Charge Cycle Phases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com