Electronic Components Datasheet Search
  English  ▼

X  

BQ2002D Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2002D
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2002D Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2002D Datasheet HTML 2Page - Texas Instruments BQ2002D Datasheet HTML 3Page - Texas Instruments BQ2002D Datasheet HTML 4Page - Texas Instruments BQ2002D Datasheet HTML 5Page - Texas Instruments BQ2002D Datasheet HTML 6Page - Texas Instruments BQ2002D Datasheet HTML 7Page - Texas Instruments BQ2002D Datasheet HTML 8Page - Texas Instruments BQ2002D Datasheet HTML 9Page - Texas Instruments BQ2002D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
enforced again on the top-off phase, if selected (bq2002T
only).
There is no time limit on the trickle-charge
phase.
Top-off Charge—bq2002T Only
An optional top-off charge phase may be selected to
follow fast charge termination for 1C and C/4 rates.
This phase may be necessary on NiMH or other bat-
tery chemistries that have a tendency to terminate
charge prior to reaching full capacity. With top-off en-
abled, charging continues at a reduced rate after
fast-charge termination for a period of time selected
by the TM pin. (See Table 1.) During top-off, the CC
pin is modulated at a duty cycle of 286
µs active for
every 4290
µs inactive. This modulation results in an
average rate 1/16th that of the fast charge rate. Maxi-
mum voltage, time, and temperature are the only ter-
mination methods enabled during top-off.
Pulse-Trickle Charge—bq2002T Only
Pulse-trickle is used to compensate for self-discharge
while the battery is idle in the charger. The battery is
pulse-trickle charged by driving the CC pin active for a
period of 286
µs for every 72.9ms of inactivity for 1C and
2C selections, and 286
µs for every 17.9ms of inactivity
for C/4 selection. This results in a trickle rate of C/256
for the top-off enabled mode and C/128 otherwise.
TM Pin
The TM pin is a three-level pin used to select the
charge timer, top-off, voltage termination mode,
trickle rate, and voltage hold-off period options. Table
1 describes the states selected by the TM pin. The
mid-level selection input is developed by a resistor
divider between VCC and ground that fixes the voltage
on TM at VCC/2
± 0.5V. See Figure 5.
Charge Status Indication
In the fast charge and charge pending states, and when-
ever the inhibit pin is active, the LED pin goes low. The
LED pin is driven to the high-Z state for all other condi-
tions. Figure 3 outlines the state of the LED pin during
charge.
Charge Inhibit
Fast charge and top-off may be inhibited by using the
INH pin. When high, INH suspends all fast charge and
top-off activity and the internal charge timer.
INH
freezes the current state of LED until inhibit is re-
moved. Temperature monitoring is not affected by the
INH pin. During charge inhibit, the bq2002D/T contin-
ues to pulse-trickle charge the battery per the TM selec-
tion.
When INH returns low, charge control and the
charge timer resume from the point where INH became
active. The VTS sample history is cleared by INH.
Low-Power Mode
The IC enters a low-power state when VBAT is driven
above the power-down threshold (VPD) where
VPD =VCC - (1V
±0.5V)
Both the CC pin and the LED pin are driven to the
high-Z state. The operating current is reduced to less
than 1
µA in this mode. When VBAT returns to a value
below VPD, the IC pulse-trickle charges until the next
new charge cycle begins.
6
bq2002D/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com