Electronic Components Datasheet Search
  English  ▼

X  

CD74AC245E Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74AC245E
Description  CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC245E Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC245E Datasheet HTML 1Page - Texas Instruments CD74AC245E Datasheet HTML 2Page - Texas Instruments CD74AC245E Datasheet HTML 3Page - Texas Instruments CD74AC245E Datasheet HTML 4Page - Texas Instruments CD74AC245E Datasheet HTML 5Page - Texas Instruments CD74AC245E Datasheet HTML 6Page - Texas Instruments CD74AC245E Datasheet HTML 7Page - Texas Instruments CD74AC245E Datasheet HTML 8Page - Texas Instruments CD74AC245E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 Pin Configuration and Functions
Figure 3-1. CD54AC245, CD54ACT245 (CERDIP), CD74AC245, CD74ACT245 (PDIP, SOIC, SSOP) Top
View
Pin Functions
PIN
TYPE1
DESCRIPTION
NO.
NAME
1
DIR
I/O
Direction Pin
2
A0
I/O
A1 Input/Output
3
A1
I/O
A2 Input/Output
4
A2
I/O
A3 Input/Output
5
A3
I/O
A4 Input/Output
6
A4
I/O
A5 Input/Output
7
A5
I/O
A6 Input/Output
8
A6
I/O
A7 Input/Output
9
A7
I/O
A8 Input/Output
10
GND
—
Ground Pin
11
B7
I/O
B7 Input/Output
12
B6
I/O
B6 Input/Output
13
B5
I/O
B5 Input/Output
14
B4
I/O
B4 Input/Output
15
B3
I/O
B3 Input/Output
16
B2
I/O
B2 Input/Output
17
B1
I/O
B1 Input/Output
18
B0
I/O
B0 Input/Output
19
OE
I/O
Output Enable
20
VCC
—
Power Pin
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output
www.ti.com
CD54AC245, CD74AC245, CD54ACT245, CD74ACT245
SCHS245D – NOVEMBER 1998 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54AC245 CD74AC245 CD54ACT245 CD74ACT245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com