Electronic Components Datasheet Search
  English  ▼

X  

CD74AC245E Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74AC245E
Description  CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC245E Datasheet(HTML) 4 Page - Texas Instruments

  CD74AC245E Datasheet HTML 1Page - Texas Instruments CD74AC245E Datasheet HTML 2Page - Texas Instruments CD74AC245E Datasheet HTML 3Page - Texas Instruments CD74AC245E Datasheet HTML 4Page - Texas Instruments CD74AC245E Datasheet HTML 5Page - Texas Instruments CD74AC245E Datasheet HTML 6Page - Texas Instruments CD74AC245E Datasheet HTML 7Page - Texas Instruments CD74AC245E Datasheet HTML 8Page - Texas Instruments CD74AC245E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage
−0.5
6
V
IIK
Input diode current
VI < -0.5V or VI > VCC + 0.5V
± 20
mA
IOK
Output diode current
VO < -0.5V or VO > VCC + 0.5V
± 50
mA
IO
Output source or sink current per output pin
VO > -0.5V or VO < VCC + 0.5V
± 50
mA
IOK (2)
VCC or ground current
ICC or IGND
± 100
mA
Tstg
Storage temperature
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For up to 4 outputs per device, add ±25mA for each additional output.
4.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
CDx4AC245
CDx4ACT245
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage(1)
1.5V
5.5V
4.5V
5.5V
V
VI, VO
Input or Output Voltage
0V
VCC
0V
VCC
V
dt/dv
Input Rise and Fall Slew Rate
1.5V to 3V
50
ns
3.6V to 5.5V
20
4.5V to 5.5V
10
TA
Temperature range
–55
125
–55
125
°C
(1)
Unless otherwise specified, all voltages are referenced to ground.
4.3 Thermal Information
THERMAL METRIC(1)
CDx4AC14/ CDx4ACT14
UNIT
N (PDIP)
DW (SOIC)
DB (SSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
69
98.6
105.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
CD54AC245, CD74AC245, CD54ACT245, CD74ACT245
SCHS245D – NOVEMBER 1998 – REVISED APRIL 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC245 CD74AC245 CD54ACT245 CD74ACT245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com