Electronic Components Datasheet Search
  English  ▼

X  

CD74AC245E Datasheet(PDF) 9 Page - Texas Instruments

Part # CD74AC245E
Description  CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC245E Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74AC245E Datasheet HTML 5Page - Texas Instruments CD74AC245E Datasheet HTML 6Page - Texas Instruments CD74AC245E Datasheet HTML 7Page - Texas Instruments CD74AC245E Datasheet HTML 8Page - Texas Instruments CD74AC245E Datasheet HTML 9Page - Texas Instruments CD74AC245E Datasheet HTML 10Page - Texas Instruments CD74AC245E Datasheet HTML 11Page - Texas Instruments CD74AC245E Datasheet HTML 12Page - Texas Instruments CD74AC245E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 4-3. PROPAGATION DELAY TIMES
Table 4-1.
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
Figure 4-4. PROPAGATION DELAY TIMES
www.ti.com
CD54AC245, CD74AC245, CD54ACT245, CD74ACT245
SCHS245D – NOVEMBER 1998 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CD54AC245 CD74AC245 CD54ACT245 CD74ACT245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com