Electronic Components Datasheet Search
  English  ▼

X  

DAC7724UB Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7724UB
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7724UB Datasheet(HTML) 4 Page - Texas Instruments

  DAC7724UB Datasheet HTML 1Page - Texas Instruments DAC7724UB Datasheet HTML 2Page - Texas Instruments DAC7724UB Datasheet HTML 3Page - Texas Instruments DAC7724UB Datasheet HTML 4Page - Texas Instruments DAC7724UB Datasheet HTML 5Page - Texas Instruments DAC7724UB Datasheet HTML 6Page - Texas Instruments DAC7724UB Datasheet HTML 7Page - Texas Instruments DAC7724UB Datasheet HTML 8Page - Texas Instruments DAC7724UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
®
DAC7724, 7725
RefH
V
SS
V
CC
V
DD
V
CC
V
SS
V
DD
GND
V
OUT
RefL
1 of 4
Typ of Each
Logic Input Pin
Typ of Each
I/O Pin
ABSOLUTE MAXIMUM RATINGS(1)
VCC to VSS ........................................................................... –0.3V to +32V
VCC to GND ......................................................................... –0.3V to +16V
VSS to GND ......................................................................... +0.3V to –16V
VDD to GND ............................................................................. –0.3V to 6V
VREFH to GND ....................................................................... –9V to +11V
VREFL to GND (VSS = –15V) ................................................. –11V to +9V
VREFL to GND (VSS = 0V) .................................................... –0.3V to +9V
VREFH to VREFL ....................................................................... –1V to +22V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
LINEARITY
DIFFERENTIAL
PACKAGE
SPECIFICATION
ERROR
NONLINEARITY ERROR
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER
RANGE
NUMBER(1)
MEDIA
DAC7724N
±2
±1
PLCC-28
251
–40
°C to +85°C
DAC7724N
Rails
""
"
"
"
"
DAC7724N/750
Tape and Reel
DAC7724NB
±1
±1
PLCC-28
251
–40
°C to +85°C
DAC7724NB
Rails
""
"
"
"
"
DAC7724NB/750
Tape and Reel
DAC7724U
±2
±1
SO-28
217
–40
°C to +85°C
DAC7724U
Rails
""
"
"
"
"
DAC7724U/1K
Tape and Reel
DAC7724UB
±1
±1
SO-28
217
–40
°C to +85°C
DAC7724UB
Rails
""
"
"
"
"
DAC7724UB/1K
Tape and Reel
DAC7725N
±2
±1
PLCC-28
251
–40
°C to +85°C
DAC7725N
Rails
""
"
"
"
"
DAC7725N/750
Tape and Reel
DAC7725NB
±1
±1
PLCC-28
251
–40
°C to +85°C
DAC7725NB
Rails
""
"
"
"
"
DAC7725NB/750
Tape and Reel
DAC7725U
±2
±1
SO-28
217
–40
°C to +85°C
DAC7725U
Rails
""
"
"
"
"
DAC7725U/1K
Tape and Reel
DAC7725UB
±1
±1
SO-28
217
–40
°C to +85°C
DAC7725UB
Rails
""
"
"
"
"
DAC7725UB/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /750 indicates 750 devices per reel). Ordering 750 pieces
of “DAC7724/750” will get a single 750-piece Tape and Reel.
ESD PROTECTION CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com