| Electronic Components Datasheet Search |
|
DAC7724UB Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC7724UB Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 21 page ![]() 14 ® DAC7724, 7725 V OUT = V REFL + V REFH –V REFL ()•N 4096 STATE OF SELECTED SELECTED STATE OF INPUT INPUT ALL DAC A1 A0 R/W CS RESET LDAC REGISTER REGISTER REGISTERS L(1) LLL H(2) L A Transparent Transparent L H L L H L B Transparent Transparent H L L L H L C Transparent Transparent H H L L H L D Transparent Transparent LLLL H H A Transparent Latched L H L L H H B Transparent Latched H L L L H H C Transparent Latched H H L L H H D Transparent Latched L L H L H H A Readback Latched L H H L H H B Readback Latched H L H L H H C Readback Latched H H H L H H D Readback Latched X(3) X X H H L NONE (All Latched) Transparent X X X H H H NONE (All Latched) Latched XXXX L X ALL Reset(4) Reset(4) NOTES: (1) L = Logic LOW. (2) H= Logic HIGH. (3) X = Don’t Care. (4) DAC7724 resets to 800H, DAC7725 resets to 000H. When RESET rises, all registers that are in their latched state retain the reset value. TABLE I. DAC7724 and DAC7725 Control Logic Truth Table. DIGITAL INTERFACE Table I shows the basic control logic for the DAC7724/25. Note that each internal register is level triggered and not edge triggered. When the appropriate signal is LOW, the register becomes transparent. When this signal is returned HIGH, the digital word currently in the register is latched. The first set of registers (the Input Registers) are triggered via the A0, A1, R/W, and CS inputs. Only one of these registers is transparent at any given time. The second set of registers (the DAC Registers) are all transparent when LDAC input is pulled LOW. Each DAC can be updated independently by writing to the appropriate Input Register and then updating the DAC Register. Alternatively, the entire DAC Register set can be configured as always transparent by keeping LDAC LOW— the DAC update will occur when the Input Register is written. The double buffered architecture is mainly designed so that each DAC Input Register can be written at any time and then all DAC output voltages updated simultaneously by pulling LDAC LOW. It also allows a DAC Input Register to be written to at any point and the DAC voltage to be synchro- nously changed via a trigger signal connected to LDAC. DIGITAL TIMING Figure 4 and Table II provide detailed timing for the digital interface of the DAC7724 and DAC7725. DIGITAL INPUT CODING The DAC7724 and DAC7725 input data is in straight binary format. The output voltage is given by the following equa- tion: where N is the digital input code. This equation does not include the effects of offset (zero-scale) errors. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |