Electronic Components Datasheet Search
  English  ▼

X  

DAC7724UB Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7724UB
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7724UB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7724UB Datasheet HTML 2Page - Texas Instruments DAC7724UB Datasheet HTML 3Page - Texas Instruments DAC7724UB Datasheet HTML 4Page - Texas Instruments DAC7724UB Datasheet HTML 5Page - Texas Instruments DAC7724UB Datasheet HTML 6Page - Texas Instruments DAC7724UB Datasheet HTML 7Page - Texas Instruments DAC7724UB Datasheet HTML 8Page - Texas Instruments DAC7724UB Datasheet HTML 9Page - Texas Instruments DAC7724UB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
®
DAC7724, 7725
TYPICAL PERFORMANCE CURVES: VSS = 0V
At TA = +25°C, VCC = +15V, VDD = +5V, VSS = 0V, VREFH = +10V, VREFL = 0V, representative unit, unless otherwise specified.
000
H
200
H
400
H
600
H
800
H
Digital Input Code
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
Single Channel 25
°C
(Typical of Each Output Channel)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
000
H
200
H
400
H
600
H
800
H
Digital Input Code
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
Single Channel 85
°C
(Typical of Each Output Channel)
000
H
200
H
400
H
600
H
800
H
Digital Input Code
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
Single Channel –40
°C
(Typical of Each Output Channel)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–30 –20 –10 0
10 20
30
40 50
60 70
80
90
–40
Temperature (
°C)
ZERO-SCALE ERROR vs TEMPERATURE
(Code 004
H)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
DAC A
DAC B
DAC C
DAC D
–30 –20 –10 0
10 20
30
40 50
60 70
80
90
–40
Temperature (
°C)
FULL-SCALE ERROR vs TEMPERATURE
(Code FFF
H)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
DAC A
DAC B
DAC C
DAC D
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
000
H
200
H
400
H
600
H
800
H
Digital Input Code
A00
H
C00
H
E00
H
FFF
H
CURRENT vs CODE
All DACs Sent to Indicated Code
V
REFH
V
REFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com