Electronic Components Datasheet Search
  English  ▼

X  

DAC8802 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC8802
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8802 Datasheet HTML 3Page - Texas Instruments DAC8802 Datasheet HTML 4Page - Texas Instruments DAC8802 Datasheet HTML 5Page - Texas Instruments DAC8802 Datasheet HTML 6Page - Texas Instruments DAC8802 Datasheet HTML 7Page - Texas Instruments DAC8802 Datasheet HTML 8Page - Texas Instruments DAC8802 Datasheet HTML 9Page - Texas Instruments DAC8802 Datasheet HTML 10Page - Texas Instruments DAC8802 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
Channel B
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =+25°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =+25°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =
40
-
°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =
40
-
°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =+85°C
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
2048
4096
6144
8192 10240 12288 14336 16383
Code
T
A =+85°C
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS: V
DD = 5 V (continued)
At T
A = 25°C, +VDD = 5 V, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 8.
Figure 9.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 10.
Figure 11.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 12.
Figure 13.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com