Electronic Components Datasheet Search
  English  ▼

X  

DAC8802 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC8802
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8802 Datasheet HTML 4Page - Texas Instruments DAC8802 Datasheet HTML 5Page - Texas Instruments DAC8802 Datasheet HTML 6Page - Texas Instruments DAC8802 Datasheet HTML 7Page - Texas Instruments DAC8802 Datasheet HTML 8Page - Texas Instruments DAC8802 Datasheet HTML 9Page - Texas Instruments DAC8802 Datasheet HTML 10Page - Texas Instruments DAC8802 Datasheet HTML 11Page - Texas Instruments DAC8802 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
6
0
-6
-12
-18
-24
-30
-36
-42
-48
-54
-60
-66
-72
-78
-84
-90
-96
-102
-108
-114
10
100
1k
10k
100k
1M
10M
100M
Bandwidth(Hz)
0x0001
0x0002
0x0004
0x0008
0x0010
0x0020
0x0040
0x0080
0x0100
0x0200
0x0400
0x0800
0x1000
0x2000
0x3FFF
0x0000
180
160
140
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LogicInputVoltage(V)
V
=+5.0V
DD
V
=+2.7V
DD
Time(0.2 s/div)
m
LDACPulse
Code:1FFFhto2000h
Time(0.1 s/div)
m
TriggerPulse
VoltageOutputSettling
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS: V
DD = 5 V (continued)
At T
A = 25°C, +VDD = 5 V, unless otherwise noted.
SUPPLY CURRENT
vs LOGIC INPUT VOLTAGE
REFERENCE MULTIPLYING BANDWIDTH
Figure 14.
Figure 15.
DAC GLITCH
DAC SETTLING TIME
Figure 16.
Figure 17.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com