Electronic Components Datasheet Search
  English  ▼

X  

DAC8802 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC8802
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8802 Datasheet HTML 9Page - Texas Instruments DAC8802 Datasheet HTML 10Page - Texas Instruments DAC8802 Datasheet HTML 11Page - Texas Instruments DAC8802 Datasheet HTML 12Page - Texas Instruments DAC8802 Datasheet HTML 13Page - Texas Instruments DAC8802 Datasheet HTML 14Page - Texas Instruments DAC8802 Datasheet HTML 15Page - Texas Instruments DAC8802 Datasheet HTML 16Page - Texas Instruments DAC8802 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
SERIAL DATA INTERFACE
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
The DAC8802 uses a 3-wire (CS, SDI, CLK) SPI-compatible serial data interface. Serial data of the DAC8802 is
clocked into the serial input register in an 16-bit data-word format. MSB bits are loaded first. Table 1 defines the
16 data-word bits for the DAC8802.
Data is placed on the SDI pin, and clocked into the register on the positive clock edge of CLK subject to the data
setup and data hold time requirements specified in the Interface Timing specifications of the Electrical
Characteristics. Data can only be clocked in while the CS chip select pin is active low. For the DAC8802, only
the last 16 bits clocked into the serial register are interrogated when the CS pin returns to the logic high state.
Since most microcontrollers output serial data in 8-bit bytes, two right-justified data bytes can be written to the
DAC8802. Keeping the CS line low between the first and second byte transfer will result in a successful serial
register update.
Once the data is properly aligned in the shift register, the positive edge of the CS initiates the transfer of new
data to the target DAC register, determined by the decoding of address bits A1and A0. For the DAC8802,
Table 1, Table 2, Table 3, and Figure 1 define the characteristics of the software serial interface.
Table 1. Serial Input Register Data Format, Data Loaded MSB First(1)
Bit
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0 (LSB)
Data
A1
A0
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(1)
Only the last 16 bits of data clocked into the serial register (address + data) are inspected when the CS line positive edge returns to
logic high. At this point an internally-generated load strobe transfers the serial register data contents (bits D13-D0) to the decoded
DAC-input-register address determined by bits A1 and A0. Any extra bits clocked into the DAC8802 shift register are ignored; only the
last 16 bits clocked in are used. If double-buffered data is not needed, the LDAC pin can be tied logic low to disable the DAC registers.
Table 2. Control Logic Truth Table(1)
CS
CLK
LDAC
RS
MSB
SERIAL SHIFT REGISTER
INPUT REGISTER
DAC REGISTER
H
X
H
H
X
No effect
Latched
Latched
L
L
H
H
X
No effect
Latched
Latched
L
↑+
H
H
X
Shift register data advanced one bit
Latched
Latched
L
H
H
H
X
No effect
Latched
Latched
↑+
L
H
H
X
No effect
Selected DAC updated with current SR contents
Latched
H
X
L
H
X
No effect
Latched
Transparent
H
X
H
H
X
No effect
Latched
Latched
H
X
↑+
H
X
No effect
Latched
Latched
H
X
H
L
0
No effect
Latched data = 0000h
Latched data = 0000h
H
X
H
L
H
No effect
Latched data = 2000h
Latched data = 2000h
(1)
↑+ = Positive logic transition; X = Do not care
Table 3. Address Decode
A1
A0
DAC DECODE
0
0
None
0
1
DAC A
1
0
DAC B
1
1
DAC A and DAC B
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com